Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-15-C2-R0

  • AI
    The **ATS-P2-15-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high surface area for cooling electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 7.44 °C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 54mm x 54mm x 15mm | | **Weight** | 102.5 grams | | **Fin Style** | Tapered (maxiFLOW™) | --- ### 2. Design and Component Breakdown #### A. The Heat Sink Body The part uses a **tapered fin design** (maxiFLOW™). Unlike traditional straight fins, the tapered shape increases the surface area exposed to airflow while minimizing pressure drop. This allows it to perform exceptionally well in forced-air environments (systems with cooling fans). #### B. The pushPIN™ Attachment One of the key electronic integration features is the **pushPIN™** system. This allows for: * **Constant Pressure:** A high-performance compression spring ensures the heat sink maintains even contact with the electronic chip. * **Easy Installation:** It uses a "push and click" mechanism that simplifies assembly on a PCB (Printed Circuit Board). #### C. Thermal Interface Material (TIM) The "R0" suffix often indicates that the part comes pre-applied with **ATS-91** thermal interface material. This is a "Phase Change" material or high-performance grease that fills microscopic air gaps between the component and the heat sink to ensure maximum heat transfer. --- ### 3. Application Use Cases The ATS-P2-15-C2-R0 is typically used for the following electronic hardware: 1. **Network Switches/Routers:** Cooling high-speed processors. 2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high. 3. **Power Supplies:** Managing heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of pushPIN versus traditional adhesive mounting?
    • ⤷ How does the 'C2' designation impact the material or finish?
    • ⤷ What airflow speed (LFM) is required to achieve optimal cooling for this part?