ATS-P2-159-C1-R0
AI

The **ATS-P2-159-C1-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, which is engineered for high-density electronic cooling applications.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Thermal Resistance** | 10.68°C/W (at 200 LFM) |
| **Fin Style** | Tapered (maxiFLOW™) |
| **Thermal Interface Material** | None (Customer application required) |
---
## 2. Key Electronic Features
### A. maxiFLOW™ Design
The core technology involves a tapered fin structure. In electronic systems, this maximizes the surface area for heat dissipation while minimizing pressure drop across the component. This is critical for systems with limited airflow (low LFM).
### B. pushPIN™ Attachment
Unlike adhesive tapes that can degrade over time due to heat, the `P2` in the part number indicates a **pushPIN™** system. This provides:
* **Constant Pressure:** Ensures optimal contact between the heatsink and the semiconductor (CPU/GPU/FPGA).
* **Reliability:** Resistant to mechanical shock and vibration.
* **Serviceability:** Allows for easy removal and re-application of thermal paste.
### C. Material and Coating
The part is made of aluminum for lightweight thermal conductivity and finished with a **Blue Anodize**. This coating isn't just aesthetic; it provides:
* Corrosion resistance.
* Improved emissivity (radiant heat transfer).
* Electrical insulation of the surface.
---
## 3. Typical Applications
This specific heatsink is generally used to cool high-power surface-mount components, such as:
1. **FPGAs & ASICs:** Used in networking and telecommunications equipment.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Power Electronics:** Voltage regulators or power converters requiring active or passive cooling.
---
- ⤷
What are the compatible thermal interface materials (TIM) for this heatsink?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard cross-cut heatsinks?
- ⤷ What is the recommended hole pattern for the pushPIN attachment?