Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-160-C2-R0

  • AI
    ## Electronic Part Analysis: ATS-P2-160-C2-R0 The **ATS-P2-160-C2-R0** is a high-performance **Heat Sink** assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" thermal management series, designed to cool electronic components like CPUs, GPUs, and other high-power ICs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (Body), Copper (Thermal Interface) | | **Attachment Type** | Push Pin (Plastic/Brass) | | **Fin Style** | Straight Fin | | **Dimensions** | 45mm x 45mm x 25mm | | **Thermal Resistance** | ~1.58 °C/W (at 200 LFM) | | **Finish** | Blue Anodized | --- ### 2. Design and Components #### A. Thermal Performance The "C2" in the part number indicates a specific thermal profile. The straight-fin design is optimized for **forced air-flow** (ducted or open) environments. The blue anodized coating not only provides corrosion resistance but also improves emissivity for radiative cooling. #### B. The pushPIN™ Attachment System Unlike adhesive-based heat sinks, this part uses a mechanical attachment system: * **Compression Springs:** Provide precise pressure across the component to ensure maximum heat transfer. * **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the Printed Circuit Board (PCB). #### C. Thermal Interface Material (TIM) This specific model usually comes with **T766** pre-applied thermal phase-change material or a high-performance grease, ensuring there are no air gaps between the heat sink and the electronic chip. --- ### 3. Application Use Cases * **Embedded Systems:** High-heat processors in industrial controllers. * **Telecommunications:** Cooling for ASICs in networking switches and routers. * **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions | | **P2** | pushPIN™ Series | | **160** | Specific thermal/geometric configuration code | | **C2** | Thermal performance/Material grade | | **R0** | RoHS Compliant / Revision code | ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for the ATS-P2-160-C2-R0 push pins?
    • ⤷ How does the thermal resistance of this heat sink change under passive vs. forced air cooling?
    • ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes?