Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-191-C2-R0

  • AI
    The **ATS-P2-191-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These parts are critical in electronic design to prevent semiconductor failure due to overheating. --- ### 1. Technical Specifications This part belongs to the **push-pin** series, designed for easy PCB mounting and high thermal conductivity. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 2.90°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 30mm | | **Fin Style** | Straight Fin | --- ### 2. Electronic Roles & Functionality The ATS-P2-191-C2-R0 serves several key roles in an electronic assembly: * **Heat Dissipation:** It increases the surface area of a hot component (like a CPU, GPU, or FPGA), allowing airflow to carry heat away more efficiently than the component package alone. * **Thermal Protection:** By maintaining the junction temperature ($T_j$) within safe limits, it prevents "thermal throttling" or permanent hardware damage. * **Pressure Management:** The integrated **push-pin and compression spring** mechanism ensures a consistent, high-pressure contact between the heatsink base and the electronic chip, which is vital for minimizing thermal resistance. --- ### 3. Key Features of the "C2-R0" Variant 1. **Blue Anodized Finish:** The "C2" suffix indicates the color and coating. Anodizing not only prevents corrosion but also increases surface emissivity, slightly improving radiative cooling. 2. **Pre-applied TIM:** These units often come with a high-performance **Thermal Interface Material (TIM)** pre-applied to the base, ensuring there are no air gaps between the chip and the aluminum. 3. **Straight Fin Design:** Unlike cross-cut or pin-fin designs, the straight fins are optimized for **unidirectional airflow** (usually provided by a nearby chassis fan). --- ### 4. Typical Applications * **Networking Hardware:** Switches and routers where high-speed processors generate significant heat. * **Industrial PCs:** Compact motherboards requiring robust, vibration-resistant cooling. * **Power Supplies:** Cooling MOSFETs or power ICs in high-density power modules.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of push-pin mounting over adhesive thermal tape?
    • ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
    • ⤷ Can this heatsink be used on chips smaller than 45x45mm?