ATS-P2-32-C2-R0
AI

The **ATS-P2-32-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is a heat sink designed specifically for the cooling of electronic components such as CPUs, GPUs, and high-density power modules.
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-P2-32-C2-R0 |
| **Heat Sink Type** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins & Springs) |
| **Thermal Resistance** | 24.98 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Fine Pitch/Pattern** | Straight Fin |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This model uses a specialized attachment mechanism consisting of a plastic pin and a high-performance compression spring. This ensures a secure, uniform pressure across the component surface for optimal heat transfer.
* **Straight Fin Design:** The "Straight Fin" geometry is optimized for high-velocity airflow environments (ducted or unducted).
* **Thermal Interface Material (TIM):** The part typically comes pre-applied with **T766** thermal phase-change material, which eliminates the need for manual thermal paste application and ensures low contact resistance.
* **Blue Anodized Coating:** This surface treatment increases surface emissivity and provides corrosion resistance while giving it a professional aesthetic.
### 3. Electronic Application Use-Cases
The ATS-P2-32-C2-R0 is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed ASICs in networking switches and routers.
2. **Embedded Systems:** Thermal management for compact industrial PC processors.
3. **Power Electronics:** Managing heat in MOSFET arrays or voltage regulators within power supply units.
4. **FPGA/Microcontrollers:** Suitable for BGA (Ball Grid Array) packages that generate significant heat in a small footprint (30mm x 30mm).
---
### 4. Thermal Performance Comparison
Thermal performance varies based on the air velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | 100 | 200 | 400 | 600 |
| :--- | :---: | :---: | :---: | :---: |
| **Thermal Resistance (°C/W)** | 24.98 | 12.85 | 8.10 | 6.67 |
- ⤷
How does the pushPIN™ attachment compare to traditional adhesive thermal tape?
- ⤷ What are the advantages of blue anodized finish over clear anodized finishes in electronics?
- ⤷ Can this heat sink be used with a custom fan assembly for active cooling?