Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-68-C1-R0

  • AI
    ## Technical Analysis of ATS-P2-68-C1-R0 The **ATS-P2-68-C1-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other surface-mount components. It belongs to the **Advanced Thermal Solutions (ATS)** "maxiFLOW" product line. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Base Part Number** | ATS-68 | | **Material** | Aluminum (with Blue Anodized Finish) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 15.29°C/W (at 100 LFM) to 5.42°C/W (at 700 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 15mm | | **Compliance** | RoHS and REACH Compliant | --- ### 2. Physical Design & Engineering The part is engineered with a specific geometry to maximize surface area and airflow efficiency: * **maxiFLOW™ Technology:** Features a spread fin pattern that transitions from a concentrated base to a wider top. This design reduces pressure drop and increases the effectiveness of convective cooling. * **pushPIN™ Attachment:** This model uses a tool-free mounting mechanism. It includes a brass or plastic pin and a high-performance compression spring to ensure even pressure across the component (TIM - Thermal Interface Material). * **Blue Anodized Coating:** The blue finish is not just aesthetic; it provides surface protection against corrosion and slightly improves radiant heat transfer. --- ### 3. Electronic Application Context This component is typically found in high-heat density electronic environments: 1. **Processors & FPGAs:** Used on Field Programmable Gate Arrays or CPUs that generate significant heat in a compact footprint. 2. **Power Electronics:** Applied to MOSFET arrays or power modules in telecommunications and networking gear. 3. **Industrial Controls:** Integrated into PCB designs where airflow might be restricted, requiring the optimized fin geometry of the maxiFLOW series. --- ### 4. Thermal Performance Overview Thermal resistance decreases as airflow (Measured in Linear Feet per Minute - LFM) increases: | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 | 15.29 | | 300 | 8.07 | | 500 | 6.20 | | 700 | 5.42 | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting hole requirements for the pushPIN system on this heatsink?
    • ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
    • ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight-fin heatsinks?