Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-69-C2-R0

  • AI
    The **ATS-P2-69-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or power transistors, to prevent thermal throttling or hardware failure. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Attachment Method** | Push-Pin (Plastic) | | **Fin Style** | Straight (High Performance) | | **Dimensions (L x W x H)** | 45mm x 45mm x 20mm | | **Finish** | Blue Anodized | | **Thermal Resistance** | 1.15 °C/W (at 200 LFM) | --- ### Key Electronic Components & Features #### 1. Heat Sink Body (Aluminum) The core component is made from high-grade aluminum. Aluminum is chosen for its excellent balance between thermal conductivity and weight. The "69" in the part number refers to a specific fin geometry designed for optimal airflow. #### 2. Push-Pin Attachment Mechanism Instead of using messy adhesives or permanent solder, this part uses the **pushPIN™** system: * **Plastic Push-Pins:** These provide consistent pressure across the surface of the electronic chip. * **Internal Springs:** The springs ensure that the heat sink maintains firm contact with the component even during vibrations or thermal expansion. #### 3. Thermal Interface Material (TIM) The "R0" suffix typically indicates that the part comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad on the base. This fills microscopic air gaps between the heat sink and the electronic chip to maximize heat transfer. #### 4. Blue Anodized Coating The blue surface treatment isn't just for aesthetics; anodization increases surface emissivity, which slightly improves radiant cooling and provides a protective layer against corrosion and electrical conductivity on the surface. --- ### Usage in Electronic Systems This part is commonly found in: * **Networking Equipment:** Routers and switches with high-speed processors. * **Industrial PCs:** Computers operating in high-temperature environments. * **Power Electronics:** Voltage regulators and power converters that generate significant waste heat.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'C2' code in this part number?
    • ⤷ How does 'LFM' (Linear Feet per Minute) affect the cooling performance of this heat sink?
    • ⤷ Can this heat sink be reused after being removed from a PCB?