Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-80-C3-R0

  • AI
    The **ATS-P2-80-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling integrated circuits (ICs) and other electronic surface-mount components. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 30.00 mm x 30.00 mm x 15.00 mm | | **Attachment Type** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance (Unducted)** | 19.22 °C/W @ 100 LFM | | **Thermal Resistance (Ducted)** | 2.81 °C/W @ 100 LFM | | **Pitch** | Fine-Pitch | --- ### 2. Key Electronic Functions While the heat sink itself is a passive mechanical component, it serves critical functions for electronic stability: * **Thermal Dissipation:** It increases the surface area of the component (such as a CPU, GPU, or FPGA), allowing heat to transfer more efficiently from the silicon die to the surrounding air. * **Operating Temperature Regulation:** By lowering the junction temperature ($T_j$), it prevents **thermal throttling**, where a chip reduces its clock speed to prevent damage. * **Reliability Enhancement:** Excessive heat is the primary cause of electronic failure (Arrhenius Law). This part extends the MTBF (Mean Time Between Failures) of the underlying circuitry. --- ### 3. Attachment Mechanism: pushPIN™ One of the distinguishing features of the `P2-80` model is the **pushPIN™** system. 1. **Spring-Loaded Pins:** The "P2" designation refers to the specific attachment style using two or four plastic/brass pins. 2. **Pressure Application:** The springs ensure consistent downward pressure on the electronic component, which optimizes the interface between the chip and the heat sink. 3. **Vibration Resistance:** Unlike simple adhesive tapes, this mechanical attachment is secure against shocks and vibrations common in industrial or automotive electronics. --- ### 4. Thermal Performance Comparison The effectiveness of this heat sink varies significantly based on airflow (measured in Linear Feet per Minute - LFM): | Airflow Velocity (LFM) | 100 | 300 | 500 | 700 | | :--- | :--- | :--- | :--- | :--- | | **Thermal Res (°C/W)** | 19.22 | 6.43 | 3.85 | 2.80 | *Note: Lower °C/W values indicate better cooling performance.*
    ✨ Follow-up Questions
    • ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
    • ⤷ What is the recommended Thermal Interface Material (TIM) for use with the ATS-P2-80-C3-R0?
    • ⤷ Can this heat sink be used on BGA packages larger than 30mm x 30mm?