Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-81-C1-R0

  • AI
    The **ATS-P2-81-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the **pushPIN™** series manufactured by **Advanced Thermal Solutions (ATS)**. --- ### 1. Technical Specifications The following table highlights the core physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Dimensions (L x W x H)** | 30mm x 30mm x 20mm | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance (Unducted)** | 6.03 °C/W @ 100 LFM | | **Thermal Resistance (Ducted)** | 2.45 °C/W @ 100 LFM | | **Fin Style** | Fine-Pitch (Square Pattern) | --- ### 2. Key Component Features #### A. Attachment Mechanism: pushPIN™ Unlike adhesive-based heat sinks, this part uses a mechanical **pushPIN** system. * **Reliability:** Provides consistent pressure to ensure optimal contact with the heat source. * **Hardware:** It typically features a brass or plastic pin and a high-performance compression spring. #### B. Material and Coating * **Aluminum 6063:** Chosen for its excellent thermal conductivity and structural integrity. * **Blue Anodized Finish:** This is not just aesthetic; the anodization protects the aluminum from corrosion and slightly increases emissivity for better radiative cooling. #### C. Fin Design The "Fine-Pitch" design increases the surface area available for heat dissipation. This makes it ideal for applications with high-density components where airflow may be restricted. --- ### 3. Applications and Usage This part is commonly used in electronic systems to cool integrated circuits (ICs), such as: * **Processors (CPUs/GPUs):** For low-power or embedded versions. * **FPGAs & ASICs:** Used in telecommunications and data processing. * **Power Supplies:** To manage heat in voltage regulators and transistors. --- ### 4. Thermal Interface Material (TIM) The "R0" at the end of the part number typically indicates the inclusion of a pre-applied **Thermal Interface Material**. * **Standard TIM:** Usually ATS-PPS-11. * **Function:** It fills microscopic air gaps between the heat source and the heat sink base to maximize heat transfer efficiency.
    ✨ Follow-up Questions
    • ⤷ What are the differences between ducted and unducted thermal resistance for this part?
    • ⤷ How do I calculate the correct hole diameter for the pushPIN installation?
    • ⤷ Are there alternative finishes available if Blue Anodized does not meet my EMI requirements?