Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-82-C1-R0

  • AI
    ## Overview of ATS-P2-82-C1-R0 The **ATS-P2-82-C1-R0** is a high-performance **Heat Sink** assembly from the **maxiFLOW™** series, manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, FPGAs, and ASICs where space is limited but thermal loads are high. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Body) / Blue Anodized (Finish) | | **Attachment Method** | pushPIN™ (Plastic Pins with Springs) | | **Thermal Resistance** | 10.67°C/W (at 200 LFM) | | **Dimensions** | 30mm x 30mm x 15mm | | **Airflow Direction** | Vertical / Omni-directional (Pin Fin design) | | **Compliance** | RoHS and REACH Compliant | --- ### Key Electronic & Mechanical Components #### 1. Pin Fin Heat Sink (The Main Body) Unlike traditional straight-fin heat sinks, the ATS-P2-82-C1-R0 uses a **Pin Fin** geometry. * **Purpose:** The pins increase the surface area available for heat dissipation while creating turbulence in the airflow. * **Effect:** Turbulence breaks up the "boundary layer" of stagnant air, significantly increasing cooling efficiency in low-to-medium airflow environments. #### 2. pushPIN™ Attachment System This is the mechanical interface that secures the heat sink to the Printed Circuit Board (PCB). * **Components:** Specialized plastic pins and compression springs. * **Electronic Safety:** The system ensures a precise, pre-measured pressure (load) is applied to the electronic chip. This prevents damage to the delicate solder balls (BGA) or the silicon die while maintaining optimal thermal contact. #### 3. Thermal Interface Material (TIM) * **Component:** The unit typically comes with **ATS-CP-V2** or similar pre-applied phase-change material or thermal tape. * **Function:** It fills microscopic air gaps between the electronic component’s surface and the heat sink base, ensuring low thermal resistance. --- ### Application in Electronics This part is used to manage the **Thermal Design Power (TDP)** of integrated circuits. Its small footprint (30mm) makes it ideal for: * **Networking Hardware:** Routers, switches, and small-form-factor servers. * **Embedded Systems:** Industrial controllers where reliability is critical. * **Telecommunications:** Cooling of high-speed data processing chips. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for different airflow speeds (LFM) for this model?
    • ⤷ How does the pushPIN mounting system compare to standard adhesive tape for PCB longevity?
    • ⤷ Is there a CAD model available for integrating this heat sink into a PCB layout?