Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-P2-92-C1-R0

  • AI
    ## ATS-P2-92-C1-R0: Electronic Parts I don't have reliable specifications for this exact part number, so I can't list its components with confidence. Below is what I can infer and what electronics are typically found in a part with this naming pattern. ### Possible Meaning of the Code | Segment | Likely Meaning (Unverified) | |---|---| | **ATS** | Automatic Transfer Switch, or possibly an ATS-branded product line | | **P2** | Possibly a product series, phase configuration, or pole count | | **92** | Possibly a model number, rating, or year | | **C1** | Possibly a configuration or control variant | | **R0** | Possibly a revision level (R0 is commonly the first release) | ### Typical Electronic Parts in an ATS Controller If this is an automatic transfer switch, its electronics usually include: | Component | Function | |---|---| | **Microcontroller / PLC module** | Runs the transfer logic and timing | | **Voltage sensing circuit** | Monitors source 1 and source 2 for undervoltage, overvoltage, and phase loss | | **Frequency sensing circuit** | Detects out-of-range frequency on each source | | **Relays / contactors drivers** | Energize transfer motor or solenoid to switch sources | | **Optocouplers** | Isolate low-voltage control logic from high-voltage inputs | | **Power supply (DC)** | Provides control voltage, often 12 V or 24 V | | **Timers (transfer, retransfer, engine start delays)** | Set time-based sequencing | | **Display and keypad interface** | Shows status and allows setpoint changes | | **Communication port (RS-485, Modbus, or Ethernet)** | Remote monitoring | | **Auxiliary contacts / status outputs** | Signal switch position to external systems | ### How to Get Exact Information 1. **Check the product label** on the unit for the full model, serial number, and voltage/current ratings. 2. **Request the datasheet or wiring diagram** from the manufacturer or distributor. 3. **Open the control enclosure** (with power disconnected) and read the printed part numbers on the PCB. 4. **Share the label or PCB markings with me**, and I can help interpret them. ---
    ✨ Follow-up Questions
    • ⤷What does the label on the ATS unit say besides the part number?
    • ⤷ Is this an automatic transfer switch for a generator or a utility-to-utility application?
    • ⤷ Can you share a photo or the PCB markings so I can identify the components?