Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS616LSG

  • AI
    The **ATS616LSG** is a specialized integrated circuit (IC) manufactured by Allegro MicroSystems. It is a **self-optimizing peak-detecting speed sensor** designed primarily for automotive and industrial applications involving gear tooth sensing. --- ## 1. Core Technical Specifications The ATS616LSG combines a Hall-effect sensor and a permanent magnet in a single package. Below are the primary electronic characteristics: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Operating Voltage ($V_{CC}$)** | 3.3 to 24 | Volts | | **Supply Current ($I_{CC}$)** | 4.0 to 9.0 | mA | | **Output Type** | Open Collector (Digital) | - | | **Operating Frequency** | 0 to 12,000 | Hz | | **Temperature Range** | -40 to +150 | °C | | **Package Type** | 4-pin SIP (SG) | - | --- ## 2. Key Internal Components The device is more than just a simple magnet; it contains sophisticated circuitry to handle signal processing: ### A. Integrated Magnet (Back-Biased) The "LSG" package includes a rare-earth pellet. This eliminates the need for the system designer to align an external magnet with the IC, as the magnetic bias is built-in. ### B. Dual Hall Elements The IC uses two Hall-effect transducers. By measuring the **differential** magnetic field between these two points, the sensor can effectively filter out common-mode magnetic noise and interference. ### C. Peak-Detecting Algorithm The internal logic tracks the "peaks" and "valleys" of the magnetic signal. This allows the device to: * Adjust to variations in the air gap (distance between sensor and gear). * Maintain accurate switching even if the gear is slightly eccentric or vibrating. --- ## 3. Functional Pinout The ATS616LSG typically features a 4-pin Single In-line Package (SIP): | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Input power supply (requires a bypass capacitor) | | 2 | **VOUT** | Output signal (requires a pull-up resistor) | | 3 | **NC** | No Connection (internal test use) | | 4 | **GND** | Ground reference | --- ## 4. Typical Application Circuit To interface the ATS616LSG with a microcontroller (like an Arduino or ECU), a pull-up resistor is necessary because of the open-collector output. ```cpp // Example of how to read the sensor output in C++ (Arduino-style) const int sensorPin = 2; // Connected to VOUT volatile int pulseCount = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Internal or external pull-up required attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, FALLING); } void countPulse() { pulseCount++; } ``` --- ## 5. Main Advantages 1. **True Zero-Speed Operation:** Can sense gear movement even at extremely low RPM. 2. **Self-Calibration:** It automatically adjusts its internal thresholds during the first few rotations of the gear. 3. **Immunity to Tilt:** The differential sensing approach makes it highly resistant to mechanical misalignment.
    ✨ Follow-up Questions
    • What is the difference between a back-biased Hall sensor and a standard Hall effect sensor?
    • What is the recommended value for the output pull-up resistor in a 5V system?
    • Can the ATS616LSG detect non-ferrous materials like aluminum gears?