Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AV2001

  • AI
    The **AV2001** is a specialized integrated circuit (IC) primarily used in satellite communication equipment, specifically within **LNBs (Low-Noise Block downconverters)**. It functions as a high-performance **Broadband Tuner** or **Downconverter**. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. Core Technical Specifications The AV2001 is designed to process high-frequency signals from satellite dishes and convert them into a frequency range that can be processed by a digital receiver. | Feature | Description | | :--- | :--- | | **Type** | Single-chip Direct Conversion Tuner | | **Input Frequency Range** | Approximately 950 MHz to 2150 MHz (L-Band) | | **Supply Voltage** | Typically 3.3V | | **Interface** | I2C Serial Bus (for frequency programming) | | **Package Type** | QFN (Quad Flat No-lead) | --- ### 2. Internal Electronic Architecture The chip integrates several complex electronic stages into a single piece of silicon: * **Low Noise Amplifier (LNA):** Boosts the weak satellite signal received from the dish while adding minimal electronic noise. * **RF Variable Gain Amplifier (VGA):** Automatically adjusts the signal strength (AGC - Automatic Gain Control) to prevent distortion or clipping. * **Direct Conversion Mixer:** Converts the RF signal directly to Baseband (Zero-IF) or Low-IF without requiring multiple conversion stages. * **Frequency Synthesizer (PLL):** A Phase-Locked Loop system that stabilizes the local oscillator frequency using an external crystal (typically 16MHz or 27MHz). * **Low Pass Filters:** Integrated programmable filters that define the channel bandwidth (usually ranging from 4MHz to 40MHz). --- ### 3. Application Circuit Components When implementing the AV2001 on a PCB, the following peripheral electronic parts are required: 1. **Decoupling Capacitors:** Small ceramic capacitors (100nF) placed close to the VCC pins to filter out high-frequency power noise. 2. **Crystal Oscillator:** Provides the reference clock for the internal PLL. 3. **Pull-up Resistors:** Required for the **SDA** and **SCL** lines of the I2C bus to allow communication with the system microcontroller. 4. **Matching Network:** Inductors and capacitors at the RF input pin to match the impedance (usually 75 ohms) for maximum power transfer. --- ### 4. Typical Use Case The AV2001 is most commonly found in: * **DVB-S/S2 Set-Top Boxes:** The main tuner stage that locks onto satellite transponders. * **PC Satellite Tuner Cards:** Used for receiving data or television signals via a computer. * **Satellite Modems:** For two-way satellite internet communication. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AV2001 and the AV2011 or AV2012 models?
    • ⤷ How do you program the AV2001 via the I2C interface?
    • ⤷ What are the most common failure modes for this IC in satellite receivers?