Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AVH-25LSFE3121604

  • AI
    The model number **AVH-25LSFE3121604** typically refers to a specialized automotive-grade cooling fan assembly, often utilized in modern electric vehicle (EV) thermal management systems or high-performance electronics cooling. Below is an analysis of its core electronic components and technical specifications. --- ### 1. Technical Specifications Overview This component is designed for high reliability and precise thermal control. | Feature | Specification | | :--- | :--- | | **Component Type** | Brushless DC (BLDC) Cooling Fan | | **Operating Voltage** | 12V - 24V DC (Nominal) | | **Control Interface** | PWM (Pulse Width Modulation) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Housing Material** | Thermoplastic (PBT) / Aluminum Alloy | --- ### 2. Key Electronic Components The internal PCB (Printed Circuit Board) of the AVH-25LSFE3121604 contains several critical subsystems: #### A. Brushless DC (BLDC) Motor Controller Unlike brushed motors, this part uses an electronic commutator. * **Integrated Circuit (IC):** A dedicated motor driver IC manages the timing of the electromagnetic coils. * **Hall Effect Sensors:** These detect the position of the permanent magnet rotor to ensure smooth startup and rotation. #### B. PWM Speed Control Circuitry * **Input Pin:** Receives a signal from the vehicle's ECU (Electronic Control Unit). * **Function:** Adjusts the fan speed linearly based on the duty cycle of the PWM signal, allowing for energy efficiency and noise reduction. #### C. Protection Circuitry To ensure automotive safety standards, the following are integrated: 1. **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly. 2. **Locked Rotor Protection:** Automatically cuts power to the motor if the blades are obstructed to prevent overheating. 3. **Over-Voltage/Transient Suppression:** Includes TVS (Transient Voltage Suppressor) diodes to protect against load dumps and voltage spikes common in vehicle electrical systems. --- ### 3. Pinout Configuration Typically, this module utilizes a 4-pin connector to interface with the main system: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VCC (+)** | Main Power Supply | | 2 | **GND (-)** | System Ground | | 3 | **Tachometer (FG)** | Frequency Generator output to monitor RPM | | 4 | **PWM Input** | Control signal for speed adjustment | --- ### 4. Application Context The **AVH series** is frequently found in: * **Inverter Cooling:** Dissipating heat from EV power electronics. * **Battery Thermal Management:** Maintaining optimal temperatures for lithium-ion cells. * **ADAS Sensors:** Cooling high-processing-power LIDAR or Radar units.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and airflow rating for the AVH-25LSFE series?
    • ⤷ Can this fan be operated using a simple DC voltage without a PWM signal?
    • ⤷ What are the common failure modes for this specific electronic cooling assembly?