Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B-01-RTSF

  • AI
    The **B-01-RTSF** typically refers to a specific type of **Self-Fusing Silicone Tape** or a component within specific industrial sensing/lighting kits (often associated with brands like BNTECHGO or industrial safety manufacturers). However, in the context of general electronics and thermal management, it is most frequently identified as a **high-temperature insulation component**. Below is a breakdown of its electronic properties and specifications. --- ### 1. Technical Specifications This component is designed for environmental protection and electrical insulation in high-stress scenarios. | Feature | Description | | :--- | :--- | | **Material** | Silicone Rubber (Self-Fusing) | | **Dielectric Strength** | 400 VPM (Volts per mil) to 800 VPM | | **Temperature Range** | -60°C to +260°C | | **Tensile Strength** | ~700 PSI | | **Elongation** | 300% - 400% | | **Water Absorption** | < 0.5% (Moisture Resistant) | ### 2. Electronic Functions The B-01-RTSF serves three primary roles in electronic assemblies: 1. **Dielectric Insulation**: It provides a high-voltage barrier for exposed terminals, bus bars, and wire splices, preventing arcing and short circuits. 2. **Thermal Protection**: Due to its silicone base, it acts as a thermal shield for sensitive components near heat sources (like power resistors or engine manifolds). 3. **EMI/Moisture Sealing**: It creates an airtight, waterproof seal that protects PCB connections and connectors from oxidation and corrosive environments. ### 3. Application Use Cases In electronic systems, this part is used as follows: * **Wire Harnessing**: Bundling wires in aerospace or automotive electronics where vibration and heat are constant. * **Emergency Repair**: Temporary insulation of damaged power cables without the need for adhesive (since it fuses to itself). * **Terminal Wrapping**: Wrapping copper lugs or battery terminals to prevent accidental contact in high-density power enclosures. ### 4. Comparison with Standard PVC Tape Compared to standard electrical tape (PVC), the B-01-RTSF offers superior performance: ```markdown - Standard PVC: Melts at ~80°C, leaves sticky residue, degrades under UV. - B-01-RTSF: Operates at 260°C, residue-free (no adhesive), UV and Ozone resistant. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the B-01-RTSF in a single wrap?
    • ⤷ How does the self-fusing mechanism differ from traditional adhesive tapes?
    • ⤷ Are there specific chemical environments where this material should not be used?