Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B-R22

  • AI
    The **B-R22** (often associated with specialized industrial automation components or specific RF/microwave electronics) generally refers to a series of high-precision components. Depending on the manufacturer, it most commonly identifies as a **Thick Film Chip Resistor** or a specific **Precision Potentiometer**. Below is a breakdown of the electronic characteristics and technical specifications typical for these parts. --- ### 1. Component Identification The "R22" suffix usually denotes a resistance value of **0.22 Ohms** (using the "R" as a decimal point). | Feature | Description | | :--- | :--- | | **Component Type** | Surface Mount Resistor (SMD) / Potentiometer | | **Resistance Value** | 0.22 $\Omega$ (or specific to the B-series range) | | **Power Rating** | Commonly 1/10W to 1W depending on package size | | **Tolerance** | Usually ±1% (F) or ±5% (J) | | **Material** | Thick Film or Cermet | --- ### 2. Key Electronic Characteristics Electronic parts in this category are designed for stability and specific circuit functions: * **Current Sensing:** Because of the low resistance (0.22 $\Omega$), these are frequently used for **current sensing** in power supplies. The voltage drop across the R22 resistor allows the circuit to measure current flow. * **Temperature Coefficient (TCR):** High-quality B-series components feature a low TCR (e.g., ±100 ppm/°C), ensuring the resistance doesn't drift significantly as the part heats up. * **Voltage Rating:** For standard SMD packages (like 0805 or 1206), the maximum working voltage is typically between 50V and 200V. --- ### 3. Application Areas These parts are integrated into various electronic assemblies: 1. **Power Management:** Used in DC-DC converters to monitor output current. 2. **Motor Controllers:** Acting as a shunt resistor to prevent over-current scenarios. 3. **Audio Equipment:** Used in output stages for biasing or protection circuits. 4. **RF Circuits:** B-series components often have low inductance, making them suitable for high-frequency signal paths. --- ### 4. Typical Package Sizes (SMD) If the B-R22 is a surface-mount device, it follows standard imperial/metric sizing: | Imperial Code | Metric Code | Dimensions (L x W mm) | | :--- | :--- | :--- | | 0402 | 1005 | 1.0 x 0.5 | | 0603 | 1608 | 1.6 x 0.8 | | 0805 | 2012 | 2.0 x 1.25 | | 1206 | 3216 | 3.2 x 1.6 | --- ### 5. Schematic Symbol and Marking In a circuit diagram, it is represented by the standard resistor symbol. On the physical part, the marking **"R22"** or **"0.22"** is used. If it is part of a "B" series (like the Bourns or Panasonic lines), it may include a manufacturer-specific prefix.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your B-R22 component?
    • ⤷ Are you looking for the power rating of a specific SMD package size?
    • ⤷ Is this part being used for current sensing or signal attenuation?