Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B152S

  • AI
    The **B152S** is a common part number associated with high-voltage power components, most notably the **TOSHIBA B152S series Photorelays** or specialized high-voltage bridge rectifiers. Below is a technical breakdown of the characteristics typically associated with the B152S in an electronic context. --- ### 1. Component Overview The B152S is most frequently identified as a **Photorelay (Solid State Relay)** in a compact 4-pin or 6-pin SOP (Small Outline Package). It is designed to replace mechanical relays in high-voltage switching applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Photorelay / SSR | | **Output Configuration** | 1-Form-A (Normally Open) | | **Off-State Output Voltage** | 150V - 200V | | **Continuous Load Current** | 150mA - 200mA | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Package Style** | SOP4 / SOP6 | --- ### 2. Key Internal Elements The device consists of three primary internal stages: 1. **Input Side (Infrared LED):** An AlGaAs infrared light-emitting diode. When current flows through this LED, it emits light. 2. **Isolation Gap:** A physical/optical barrier that ensures high voltage on the load side does not damage the low-voltage control circuit. 3. **Output Side (MOSFET):** A photo-diode array detects the light and triggers a pair of high-voltage MOSFETs to allow current to flow through the load. --- ### 3. Electrical Characteristics If you are designing a circuit with the B152S, these parameters are critical: * **Trigger LED Current ($I_{FT}$):** Usually around 3mA to 5mA. This is the minimum current needed to "close" the switch. * **On-Resistance ($R_{ON}$):** Typically between 8$\Omega$ and 12$\Omega$. This dictates how much heat is generated during operation. * **Output Capacitance ($C_{OUT}$):** Low capacitance allows for faster switching and less signal distortion in high-frequency applications. --- ### 4. Common Applications The B152S is preferred in modern electronics because it has no moving parts, meaning no contact bounce and a much longer lifespan than mechanical relays. * **Telecommunications:** Hook switching and dial pulsing. * **Measurement Equipment:** Multiplexing and data acquisition systems. * **Security Systems:** Sensor triggering and alarm outputs. * **Industrial Control:** Interfacing between microcontrollers and high-voltage actuators. --- ### 5. Equivalent/Alternative Parts If the B152S is unavailable, the following series often serve as functional equivalents depending on the specific package and voltage requirements: * **Panasonic:** AQY series (e.g., AQY212S) * **Omron:** G3VM series (e.g., G3VM-201G1) * **Toshiba:** TLP series (e.g., TLP172G)
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the B152S SOP4 package?
    • ⤷ Can the B152S handle AC loads or is it DC only?
    • ⤷ How does the on-resistance of a B152S compare to a mechanical relay?