Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B1663

  • AI
    The part number **B1663** (often prefixed as **2SB1663**) refers to a specific Silicon PNP Epitaxial Planar Transistor. It is commonly used in power amplification and switching circuits. --- ### 1. General Specifications The B1663 is designed for applications requiring high current and low saturation voltage. Below are the typical electrical characteristics: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -60 | V | | Emitter-Base Voltage | $V_{EBO}$ | -7 | V | | Collector Current (DC) | $I_C$ | -3 | A | | Collector Power Dissipation | $P_C$ | 10 - 20 (with heatsink) | W | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Key Features * **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.5V$ (max) at $I_C = -2A$, which reduces power loss and heat. * **High Speed:** Suitable for high-speed switching applications. * **PNP Complement:** Often paired with the **2SD2593** (NPN) for push-pull amplifier stages. * **Package:** Usually found in a **TO-220** or **TO-220F** (fully isolated) package, which allows for easy mounting to a heatsink. --- ### 3. Pin Configuration When looking at the front of the transistor (labeled side) with the pins pointing downwards, the pinout is typically: 1. **Base (B):** The input trigger that controls the flow between Collector and Emitter. 2. **Collector (C):** Connected to the negative side of the load in a PNP configuration. 3. **Emitter (E):** Connected to the positive supply. --- ### 4. Common Applications * **Power Amplifiers:** Used in the output stage of audio amplifiers. * **Voltage Regulators:** Part of linear power supply circuits. * **Relay Drivers:** High current handling allows it to switch mechanical relays or DC motors. * **DC-DC Converters:** Employed in switching power supplies. --- ### 5. Equivalent/Replacement Parts If you cannot find a 2SB1663, the following transistors often serve as suitable substitutes (always verify pinout and voltage ratings): * **2SB1185** * **TIP32C** (Commonly available, though characteristics vary slightly) * **2SB1565**
    ✨ Follow-up Questions
    • ⤷ What is the complementary NPN transistor for the B1663?
    • ⤷ How do I test a B1663 transistor using a multimeter?
    • ⤷ What are the specific thermal resistance values for the TO-220F version?