Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B1A3N-R

  • AI
    The **B1A3N-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Bipolar Junction Transistor (BJT)**. Specifically, it is a PNP Silicon Epitaxial transistor often used for switching and amplification in compact circuits. --- ### 1. Key Technical Specifications Below are the typical parameters for this part (referencing the standard SOT-23 package variant): | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | - | PNP | - | | **Collector-Base Voltage** | $V_{CBO}$ | -30 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -25 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Collector Current (DC)** | $I_C$ | -100 to -500 | mA | | **Power Dissipation** | $P_D$ | 200 - 350 | mW | | **Package Style** | - | SOT-23 | - | --- ### 2. Functional Description As a **PNP Transistor**, the B1A3N-R operates differently than the more common NPN types: * **Current Flow:** Current flows from the Emitter to the Collector when the Base is pulled "Low" (negative relative to the emitter). * **Switching:** It is frequently used as a "High-Side Switch" to connect a load to a positive power rail. * **Marking Code:** On the physical component (SOT-23), you will often see a short code (like "B1" or "A3") rather than the full part number due to size constraints. --- ### 3. Pinout Configuration For the standard SOT-23 package used by the B1A3N-R, the pinout is generally as follows: 1. **Base (B):** Controls the biasing of the transistor. 2. **Emitter (E):** The source of the charge carriers. 3. **Collector (C):** Where the current exits/enters after passing through the base. --- ### 4. Common Applications * **Signal Amplification:** Boosting small analog signals in audio or sensor circuits. * **Digital Switching:** Turning LEDs, small motors, or relays on and off via a microcontroller. * **Voltage Regulation:** Used in simple linear regulator circuits to maintain steady voltage. --- ### 5. Equivalent/Substitute Parts If you are unable to find the B1A3N-R, these common PNP transistors often serve as functional equivalents (though you must verify pinouts): * **BC807:** A very common general-purpose PNP SMD transistor. * **MMBT3906:** Standard switching PNP transistor. * **2SA1015 (SMD version):** Popular in Japanese-designed consumer electronics.
    ✨ Follow-up Questions
    • ⤷ What is the specific marking code printed on the physical B1A3N-R package?
    • ⤷ Can this transistor be used directly with a 5V microcontroller output?
    • ⤷ What are the thermal considerations when using this part in a high-current switching application?