Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B30-R10000-MA

  • AI
    The **B30-R10000-MA** is not a discrete electronic component (like a resistor or IC) but rather a specific **thermal transfer printer ribbon** manufactured by Brady Corporation. It is designed for use in industrial label printers like the BBP30, BBP31, BBP33, BBP35, and BBP37. Below is the breakdown of its specifications and "electronic" functional characteristics within a printing system. --- ### 1. Technical Specifications | Property | Description | | :--- | :--- | | **Material Type** | Resin (R10000 Series) | | **Color** | Magenta | | **Ribbon Width** | 4.33 inches (110 mm) | | **Ribbon Length** | 200 feet (60.9 meters) | | **Form Factor** | Self-contained cartridge | | **Compatibility** | B30 Series Printers (BBP30, BBP31, BBP33, BBP35, BBP37) | --- ### 2. The Electronic Components: Smart Cell Technology While the ribbon itself is a physical consumable, the "electronic" part of this product refers to the **integrated circuit (IC)** embedded in the cartridge. #### A. The RFID / Memory Chip Each B30-R10000-MA cartridge contains a **Smart Cell (RFID chip)**. When the cartridge is inserted into the printer, the printer's onboard electronics read the chip to: * **Automatic Calibration:** The printer automatically adjusts its heat settings (burn temperature) for the magenta resin. * **Supply Tracking:** The chip tracks how much ribbon is remaining and warns the user via the printer's UI when the supply is low. * **Material Validation:** It ensures the ribbon is compatible with the loaded label stock to prevent damage to the print head. #### B. Thermal Transfer Process The electronic print head of the printer applies precise pulses of heat to the resin ribbon. Because this is a **Resin (R10000)** ribbon: * It requires higher energy (heat) levels from the print head compared to wax ribbons. * The resulting print is highly resistant to chemicals, solvents, and high temperatures, which is critical for electronic component labeling (e.g., PCB identification). --- ### 3. Applications in Electronics Manufacturing This specific ribbon is frequently used in the electronics industry for: * **Color-coding:** Identifying specific components or wiring stages. * **Warning Labels:** Printing high-visibility safety icons on electronic enclosures. * **Asset Tracking:** Printing durable barcodes that survive the heat of soldering or chemical cleaning processes. ---
    ✨ Follow-up Questions
    • ⤷ What are the heat setting differences between R10000 resin and wax ribbons?
    • ⤷ How does the printer's RFID reader interact with the Smart Cell chip?
    • ⤷ Is the B30-R10000-MA ribbon compatible with ESD-safe labeling materials?