Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B3JB000

  • AI
    The term **B3JB000** typically refers to a specific part number prefix used in electronics, most notably by manufacturers like **Panasonic**. It is commonly associated with **Chip Resistors** or specific surface-mount components used in high-precision circuit boards. --- ### 1. Component Overview Based on standard industry databases, parts starting with the "B3JB" prefix are generally categorized as follows: | Category | Description | | :--- | :--- | | **Component Type** | Fixed Resistor / Chip Component | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | Power management, signal filtering, and consumer electronics | | **Typical Manufacturer** | Panasonic (Industrial Solutions) | --- ### 2. Technical Characteristics While the exact specifications depend on the full part number suffix, the B3JB series typically exhibits these electronic characteristics: * **Miniaturization:** Designed for high-density PCB layouts (e.g., 0402 or 0603 metric sizes). * **Stability:** High reliability against environmental stressors like humidity and temperature fluctuations. * **Tolerance:** Often available in precision tolerances (±1% or ±5%). * **Composition:** Usually constructed using thick-film or metal-glaze elements on a ceramic substrate. --- ### 3. Usage in Electronic Circuits These parts are integral to several circuit functions: 1. **Voltage Division:** Used to create specific reference voltages for ICs. 2. **Current Limiting:** Protecting LEDs or sensitive transistor bases from overcurrent. 3. **Pull-up/Pull-down:** Ensuring digital logic gates remain at a stable "High" or "Low" state when not actively driven. ### 4. Identification Table If you are looking at a specific variant, here is how the codes are often broken down: | Code Segment | Meaning | | :--- | :--- | | **B3JB** | Series/Product Family (Fixed Resistor) | | **Next Digits** | Resistance Value (e.g., 102 = 1k Ohm) | | **Final Letter** | Tolerance (e.g., F = ±1%, J = ±5%) | ---
    ✨ Follow-up Questions
    • ⤷ What is the full part number you are looking for?
    • ⤷ Are you seeking an equivalent replacement for a B3JB component?
    • ⤷ Do you need the specific power rating for this series?