Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B540CL-SMC-R

  • AI
    The **B540CL-SMC-R** is a high-performance **Schottky Barrier Rectifier** diode. It is commonly used in power management circuits due to its low forward voltage drop and fast switching capabilities. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 40V | The maximum voltage the diode can withstand in reverse bias. | | **Maximum Average Forward Rectified Current ($I_F$)** | 5.0A | The maximum continuous current allowed through the diode. | | **Peak Forward Surge Current ($I_{FSM}$)** | 120A | The max current pulse (8.3ms) the device can handle without damage. | | **Forward Voltage Drop ($V_F$)** | ~0.50V - 0.55V | Typical voltage loss when current flows through the diode. | | **Package Type** | SMC (DO-214AB) | A surface-mount package designed for high power dissipation. | | **Operating Temperature Range** | -55°C to +150°C | The thermal limits for safe operation. | --- ### 2. Physical Characteristics and Packaging * **Package (SMC):** The SMC (Surface Mount Type C) package is larger than the SMA or SMB variants. This allows for better heat dissipation, making it suitable for 5A applications. * **Polarity:** The cathode is usually indicated by a color band on the body of the component. * **RoHS Compliant:** The "-R" suffix typically denotes compliance with environmental regulations (Lead-free/RoHS). --- ### 3. Functional Advantages 1. **Low Power Loss:** Because the forward voltage drop is significantly lower than standard silicon diodes (which are ~0.7V - 1.1V), it generates less heat and is more efficient. 2. **Fast Switching:** Schottky diodes are majority carrier devices, meaning they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-frequency switching power supplies. 3. **Guard Ring Construction:** Built-in guard rings provide transient protection and improve long-term reliability against high-voltage stress. --- ### 4. Common Applications * **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators. * **Reverse Polarity Protection:** Used to protect sensitive electronics if a battery or power supply is connected backward. * **OR-ing Diodes:** In redundant power supply systems to prevent back-feeding. * **Free Wheeling:** Used in inductive load circuits (like motors or relays) to suppress voltage spikes. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the B540CL and the standard B540?
    • ⤷ How does the SMC package compare to the SMB package in terms of thermal resistance?
    • ⤷ Can this diode be used in AC-to-DC rectification for high-voltage mains?