Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • B65713-A-R27

  • AI
    The part number **B65713-A-R27** refers to a high-quality **Ferrite Core** manufactured by **TDK Electronics (formerly EPCOS)**. Specifically, this belongs to the **PM (Pot Core Module)** series. --- ### 1. Technical Specifications The part is defined by its geometry, material composition, and magnetic properties. | Parameter | Specification | | :--- | :--- | | **Core Shape** | PM 74/59 (Large Pot Core) | | **Material Grade** | N27 (Power Material) | | **Inductance Factor (AL)** | Approx. 7300 nH (varies by gap) | | **Effective Permeability ($\mu_e$)** | ~1740 | | **Operating Frequency** | Up to 100 kHz | | **Application** | Power Transformers, High-power Inductors | --- ### 2. Deep Dive into the Components #### A. Core Shape: PM (Pot Module) The PM shape is designed for high-power applications. It offers several advantages: * **Self-Shielding:** The closed shape minimizes electromagnetic interference (EMI). * **Heat Dissipation:** Large surface area allows for better cooling in high-current scenarios. * **Ease of Assembly:** Designed to be used with specific bobbins and mounting hardware for stable PCB placement. #### B. Material Grade: N27 The **N27** material is a Manganese-Zinc (MnZn) ferrite. It is optimized for: * **Power Conversion:** High saturation flux density ($B_{sat}$). * **Low Losses:** Engineered for low power loss at frequencies typically used in switch-mode power supplies (SMPS). * **Temperature Stability:** Maintains magnetic properties reliably up to $100^\circ\text{C}$. --- ### 3. Common Applications Due to its large size (74mm x 59mm) and material properties, this core is typically found in: 1. **Industrial SMPS:** High-wattage power supplies for machinery. 2. **Renewable Energy:** Inverters for solar power systems. 3. **Telecom Power:** DC/DC converters for telecommunications infrastructure. 4. **EV Charging:** Power stages in electric vehicle charging stations. --- ### 4. Ordering and Accessories To utilize this core in a design, you typically require the following complementary parts: * **B65714 series:** Corresponding coil formers (bobbins). * **Mounting Assembly:** Clamps or yokes to hold the two core halves together. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power loss characteristics of the N27 material at 100kHz?
    • ⤷ Which bobbins are compatible with the PM 74/59 core size?
    • ⤷ How does N27 material compare to N87 for high-frequency efficiency?