Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAS3007A-RPP

  • AI
    ## BAS3007A-RPP: Technical Overview The **BAS3007A-RPP** is a specialized Schottky diode array primarily used for **Reverse Polarity Protection (RPP)** and high-speed switching applications. It is designed by Infineon Technologies and is commonly found in automotive and industrial power management circuits. ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Schottky Diode Array | | **Configuration** | Bridge / Anti-parallel (Application specific) | | **Max. Forward Current ($I_F$)** | 0.9 A (approx. per diode) | | **Max. Reverse Voltage ($V_R$)** | 30 V | | **Forward Voltage Drop ($V_F$)** | ~0.5V at 0.5A (Low drop) | | **Package Type** | SOT-143 | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Functional Features * **Low Forward Voltage:** Utilizing Schottky technology, it minimizes power loss compared to standard silicon diodes, making it ideal for battery-operated devices. * **Reverse Polarity Protection:** The "RPP" in the part number signifies its primary use case: protecting sensitive downstream electronics if a battery or power supply is connected backwards. * **Fast Switching:** Schottky diodes have minimal reverse recovery time ($t_{rr}$), allowing them to handle high-frequency noise and transients. * **AEC-Q101 Qualified:** This part is typically automotive-grade, ensuring reliability under harsh thermal and mechanical stress. --- ### 3. Pinout and Circuit Integration The BAS3007A-RPP is housed in a small **SOT-143** package. While standard diodes have two leads, this array provides a specific internal connection to simplify PCB layout for protection circuits. ```mermaid graph LR Input[Power Input] --> Diode_Array{BAS3007A} Diode_Array --> Load[Internal Electronics] Diode_Array -.-> Ground[Chassis/GND] ``` ### 4. Common Applications 1. **Automotive ECUs:** Protecting Engine Control Units from incorrect battery installation. 2. **Mobile Devices:** Charging circuit protection. 3. **DC-DC Converters:** Used as a freewheeling diode or for input rail protection. 4. **Signal Clamping:** Protecting I/O lines from over-voltage transients. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using the SOT-143 package for this diode?
    • ⤷ How does the BAS3007A-RPP compare to a standard P-Channel MOSFET for reverse polarity protection?
    • ⤷ What is the maximum power dissipation (Ptot) for this component?