Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAS416-Q

  • AI
    ## Overview of the BAS416-Q The **BAS416-Q** is a high-speed switching diode encapsulated in a small SOD-323 (SC-76) surface-mounted plastic package. It is specifically designed for high-speed switching applications and is **Automotive Grade** (AEC-Q101 qualified). --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the BAS416-Q: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Continuous Reverse Voltage** | $V_R$ | Max 75 | V | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | Max 85 | V | | **Continuous Forward Current** | $I_F$ | Max 200 | mA | | **Forward Voltage** ($I_F = 100\text{ mA}$) | $V_F$ | Max 1.1 | V | | **Reverse Recovery Time** ($t_{rr}$) | $t_{rr}$ | Max 3.0 | µs | | **Diode Capacitance** ($V_R = 0\text{V}, f=1\text{MHz}$) | $C_d$ | Max 1.1 | pF | | **Reverse Current** ($V_R = 75\text{V}$) | $I_R$ | Max 5.0 | nA | --- ### 2. Major Features * **Low Leakage Current:** It features an extremely low reverse leakage current ($I_R$), which helps in maintaining signal integrity and reducing power consumption in battery-operated devices. * **Low Capacitance:** With a typical capacitance around $1.1\text{ pF}$, it is suitable for high-frequency circuits. * **Automotive Qualification:** The "-Q" suffix indicates it is AEC-Q101 qualified, meaning it has undergone rigorous stress testing for use in harsh automotive environments. * **Compact Footprint:** The SOD-323 package saves significant PCB space compared to traditional leaded diodes. --- ### 3. Pin Configuration The device has two terminals: 1. **Anode (Pin 1):** The positive terminal. 2. **Cathode (Pin 2):** The negative terminal (usually marked with a band on the package body). --- ### 4. Typical Applications The BAS416-Q is commonly used in the following scenarios: * **Automotive Electronics:** Control units (ECUs), infotainment, and sensor modules. * **General Purpose Switching:** High-speed logic switching. * **Reverse Polarity Protection:** Protecting sensitive low-power circuits from accidental battery reversal. * **Signal Clamping:** Clipping voltage spikes in communication lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the BAS416-Q and a standard Schottky diode?
    • ⤷ How does the ultra-low leakage current affect circuit performance in standby mode?
    • ⤷ What are the specific thermal resistance parameters for the SOD-323 package used here?