Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAS70A-AE3-R

  • AI
    ## BAS70A-AE3-R Technical Overview The **BAS70A-AE3-R** is a surface-mount, low-capacitance **Schottky Barrier Diode** featuring a **common anode** configuration. It is primarily used for high-speed switching, signal clamping, and circuit protection. --- ### 1. General Specifications The following table outlines the key electrical characteristics of the device: | Parameter | Symbol | Max Rating / Value | | :--- | :---: | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 70 V | | **Forward Continuous Current** | $I_F$ | 70 mA | | **Forward Voltage Drop** (at $I_F = 1mA$) | $V_F$ | 410 mV | | **Reverse Recovery Time** | $t_{rr}$ | 5.0 ns | | **Total Capacitance** (at $V_R = 0V, f = 1MHz$) | $C_T$ | 2.0 pF | | **Operating Junction Temperature** | $T_J$ | -55 to +150 °C | --- ### 2. Internal Configuration & Package The "A" in the part number signifies the internal arrangement of the two diodes within the package. * **Configuration:** **Common Anode** (Pins 1 and 2 are cathodes; Pin 3 is the common anode). * **Package Type:** **SOT-23** (indicated by the `AE3` code). * **Mounting:** Surface Mount Device (SMD). * **Lead Finish:** Matte Tin (RoHS compliant). --- ### 3. Key Features * **Fast Switching:** The 5ns recovery time makes it ideal for high-frequency signal processing. * **Low Capacitance:** Minimal impact on signal integrity in high-speed data lines. * **Low Forward Voltage:** Reduces power loss compared to standard silicon diodes. * **Protection:** Excellent for clamping high-voltage transients to protect sensitive CMOS integrated circuits. --- ### 4. Typical Applications 1. **Ultra High-Speed Switching:** Used in digital logic circuits where fast state changes are required. 2. **Voltage Clamping:** Prevents input signals from exceeding the supply voltage rails. 3. **Reverse Polarity Protection:** Used in low-power battery-operated devices. 4. **Mixers and Detectors:** Frequently used in RF circuits for signal detection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the BAS70A and the BAS70C versions?
    • ⤷ Can this diode be used for power rectification in a 1A power supply?
    • ⤷ Which manufacturers produce the BAS70A-AE3-R?