Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAS70AWL-AL3-R

  • AI
    The **BAS70AWL-AL3-R** is a specific surface-mount Schottky barrier diode. It is commonly used for high-speed switching, circuit protection, and signal clamping in compact electronic devices. --- ## 1. Component Overview The BAS70 series is known for having a very low turn-on voltage and ultra-fast switching capabilities. The "W" in the suffix typically denotes a SOT-323 (SC-70) package, which is smaller than the standard SOT-23. ### Key Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Diode Type** | Schottky | Fast recovery, low forward voltage | | **Configuration** | Single | One diode per package | | **Max Reverse Voltage ($V_R$)** | 70V | Maximum voltage it can block | | **Forward Current ($I_F$)** | 70mA | Continuous current limit | | **Forward Voltage ($V_F$)** | ~0.41V @ 1mA | Voltage drop across the diode | | **Reverse Recovery Time ($t_{rr}$)** | < 5ns | Time to stop conducting | | **Package Type** | SOT-323 / SC-70 | Ultra-small surface mount | --- ## 2. Technical Features * **Low Capacitance:** Usually around 2pF, making it suitable for high-frequency RF applications. * **Fast Switching:** The Schottky metal-to-silicon junction allows for near-instantaneous switching compared to standard PN junction diodes. * **Small Footprint:** The SOT-323 package saves significant PCB space compared to older through-hole or SOT-23 parts. --- ## 3. Pinout and Internal Logic The BAS70AWL typically follows a standard 3-pin surface mount layout, though in a single diode configuration, one pin may be "No Connect" (NC) or the package may house a specific internal arrangement. ```text SOT-323 Top View _______ | 3 | <-- Pin 3 (Typically Cathode) _____|_______|_____ | | | | | 1 | | 2 | |_____|_______|_____| ^ ^ Pin 1 (Anode) Pin 2 (NC or Cathode depending on sub-variant) ``` --- ## 4. Typical Applications * **Signal Clamping:** Protecting sensitive IC inputs from overvoltage spikes. * **Reverse Polarity Protection:** Preventing damage if batteries or power supplies are connected backward (limited to low-current paths). * **Mixers and Detectors:** Used in RF circuits for demodulation due to low capacitance. * **High-speed Logic:** Clipping and steering signals in digital circuits.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the BAS70 and the BAS40 series?
    • ⤷ Can this diode be used for power rectification in a 1A power supply?
    • ⤷ What does the 'AL3-R' suffix specifically indicate regarding packaging or RoHS compliance?