Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAT54A-AE3-R

  • AI
    ## Overview of BAT54A-AE3-R The **BAT54A-AE3-R** is a specific variant of the widely used BAT54 series. It is a **Schottky Barrier Diode** featuring a common anode configuration, housed in a small SOT-23 package. These diodes are known for their very low forward voltage drop and fast switching speeds. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Continuous Reverse Voltage** | $V_R$ | 30 | V | | **Forward Continuous Current** | $I_F$ | 200 | mA | | **Forward Voltage Drop** (at 1mA) | $V_F$ | ~0.24 | V | | **Forward Voltage Drop** (at 100mA) | $V_F$ | ~0.80 | V | | **Reverse Recovery Time** | $t_{rr}$ | 5 | ns | | **Operating Temperature** | $T_j$ | -55 to +125 | °C | --- ### 2. Internal Configuration & Package The "A" suffix in the part number denotes the internal wiring of the two diodes inside the package. * **Configuration:** **Common Anode**. Pins 1 and 2 are the Cathodes of Diode 1 and Diode 2 respectively, while Pin 3 is the Common Anode for both. * **Package Type:** **SOT-23** (Small Outline Transistor). * **Tape & Reel:** The "-R" suffix typically indicates that the parts are supplied on a reel for automated pick-and-place assembly. --- ### 3. Applications Due to its low power loss and high efficiency, the BAT54A is commonly used in: 1. **Ultra High-Speed Switching:** Ideal for digital signal processing where timing is critical. 2. **Voltage Clamping:** Protecting sensitive IC inputs from overvoltage transients. 3. **Reverse Polarity Protection:** Preventing damage if a small battery or DC source is connected backward. 4. **Signal Conditioning:** Used in mixers and detectors in RF circuits. --- ### 4. Comparison: BAT54 vs BAT54A vs BAT54C vs BAT54S It is easy to confuse these variants; the primary difference is the internal pinout: | Part Number | Internal Configuration | Pinout Description | | :--- | :--- | :--- | | **BAT54** | Single Diode | 1 Diode per package | | **BAT54A** | **Common Anode** | Pins 1, 2 = Cathodes; Pin 3 = Anode | | **BAT54C** | **Common Cathode** | Pins 1, 2 = Anodes; Pin 3 = Cathode | | **BAT54S** | **Series Pair** | Pin 1 = Anode 1; Pin 2 = Cathode 2; Pin 3 = Cathode 1/Anode 2 |
    ✨ Follow-up Questions
    • ⤷ How does the low forward voltage of a Schottky diode compare to a standard silicon diode?
    • ⤷ What are the specific soldering footprints for the SOT-23 package?
    • ⤷ Can the BAT54A be used for high-power rectification?