Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAT54SL-AL3-R

  • AI
    The **BAT54SL-AL3-R** is a specific variant of the widely used BAT54 series Schottky Barrier Diode. Below is a detailed technical breakdown of this electronic part. --- ### 1. General Overview The BAT54SL is a **Dual Schottky Barrier Diode** configured in a **Low Leakage** series connection. It is designed for high-speed switching applications, circuit protection, and signal conditioning. ### 2. Technical Specifications The following table summarizes the key electrical characteristics: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Repetitive Peak Reverse Voltage | $V_{RRM}$ | 30 | V | | Forward Continuous Current | $I_F$ | 200 | mA | | Forward Voltage Drop (@ $I_F = 1mA$) | $V_F$ | 320 | mV | | Forward Voltage Drop (@ $I_F = 100mA$) | $V_F$ | 1000 | mV | | Reverse Leakage Current (@ $V_R = 25V$) | $I_R$ | 2 | µA | | Reverse Recovery Time | $t_{rr}$ | 5 | ns | | Operating Temperature | $T_j$ | -55 to +125 | °C | --- ### 3. Key Features * **Ultra-High Switching Speed:** Due to the Schottky barrier construction, the recovery time is extremely low (typically < 5ns). * **Low Forward Voltage:** Reduces power dissipation and increases efficiency in battery-powered devices. * **Low Capacitance:** Ideal for high-frequency signal lines. * **Small Footprint:** Usually packaged in SOT-23 or similar surface-mount packages (implied by the "AL3" suffix in many naming conventions). --- ### 4. Pin Configuration (Series Connection) The "SL" in the part number often indicates a specific internal configuration. For a standard BAT54S (Series), the internal layout is: 1. **Pin 1:** Anode (Diode 1) 2. **Pin 2:** Cathode (Diode 2) 3. **Pin 3:** Cathode 1 / Anode 2 (Common Connection) ### 5. Common Applications * **ESD Protection:** Shunting voltage spikes to ground or VCC to protect sensitive IC pins. * **Voltage Clamping:** Limiting the voltage range of an input signal. * **Reverse Polarity Protection:** Protecting low-current circuits from accidental battery reversal. * **High-speed Logic:** Clipping and signal conditioning in digital communication. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the BAT54S
    • ⤷ BAT54A
    • ⤷ and BAT54C configurations?
    • ⤷ How does the low leakage current of this model benefit battery-operated devices?
    • ⤷ What is the physical package type for the AL3-R suffix?