Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAT54WSL-CB2-R

  • AI
    The **BAT54WSL-CB2-R** is a high-performance Schottky Barrier Diode designed for high-speed switching and circuit protection applications. It is characterized by its low forward voltage drop and small surface-mount footprint. --- ### 1. Technical Specifications The following table highlights the key electrical characteristics of the device: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Reverse Voltage (Max)** | $V_R$ | 30 | V | | **Forward Current** | $I_F$ | 200 | mA | | **Forward Voltage Drop** | $V_F$ | 0.32 @ 1mA | V | | **Reverse Recovery Time** | $t_{rr}$ | 5 | ns | | **Power Dissipation** | $P_D$ | 200 | mW | | **Operating Temperature** | $T_j$ | -55 to +125 | °C | --- ### 2. Key Features and Benefits * **Low Forward Voltage:** The Schottky technology ensures minimal power loss during conduction, improving energy efficiency. * **Ultra-Fast Switching:** With a recovery time of approximately 5ns, it is ideal for high-frequency signal processing. * **Miniature Packaging:** Usually housed in a **SOD-323** or similar small-outline package, making it suitable for high-density PCB designs. * **Guard Ring Structure:** Built-in guard ring for transient protection and increased durability against high-voltage spikes. --- ### 3. Application Use Cases This component is versatile and commonly found in the following circuits: 1. **Rectification:** Small-scale DC-DC conversion and signal detection. 2. **Clamping Circuits:** Used to protect sensitive IC inputs by clamping over-voltage spikes to the supply rails. 3. **Reverse Polarity Protection:** Protecting low-power battery-operated devices from incorrect battery insertion. 4. **Freewheeling Diode:** Used in small inductive load switching to prevent back-EMF damage. --- ### 4. Schematic Symbol & Footprint ```text Cathode (Line) Anode | | | | |<---------| |-----| | | | | ``` *Note: In the SMD package, the cathode is indicated by a band/line on the body of the diode.*
    ✨ Follow-up Questions
    • ⤷ What are the differences between BAT54WS and the BAT54S variant?
    • ⤷ Can this diode be used in high-power motor driver circuits?
    • ⤷ What is the specific meaning of the 'CB2-R' suffix in the part number?