Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAV199L-AE3-R

  • AI
    ### BAV199L-AE3-R: Electronic Specifications and Overview The **BAV199L-AE3-R** is a low-leakage, dual-series switching diode. It is commonly used in applications where high precision and low power loss are critical, such as battery-powered devices and high-impedance circuits. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the BAV199L-AE3-R: | Parameter | Symbol | Maximum Value | Unit | | :--- | :--- | :--- | :--- | | **Reverse Voltage** | $V_R$ | 70 | V | | **Forward Current** | $I_F$ | 215 | mA | | **Leakage Current** (at 70V) | $I_R$ | 5 (Typ) / 50 (Max) | nA | | **Diode Capacitance** | $C_D$ | 2.0 | pF | | **Reverse Recovery Time** | $t_{rr}$ | 3.0 | $\mu$s | | **Package Type** | - | SOT-23 | - | --- ### 2. Internal Configuration The "L" variant often indicates a specific pinout configuration. The BAV199 is generally a **dual-diode** setup in a **Series Connection**. * **Pin 1:** Anode (Diode 1) * **Pin 2:** Cathode (Diode 2) * **Pin 3:** Cathode (Diode 1) and Anode (Diode 2) — *Common Connection* --- ### 3. Core Features * **Ultra-Low Leakage Current:** Its primary advantage is the extremely low reverse leakage ($I_R$), often in the picoampere (pA) to low nanoampere (nA) range. This prevents battery drain in standby modes. * **Small Footprint:** The SOT-23 package is ideal for surface-mount technology (SMT) on high-density PCBs. * **Fast Switching:** Although optimized for low leakage, it maintains a relatively quick response time for signal processing. ### 4. Common Applications 1. **Low-Current Rectification:** Used in sensors where every nanoampere counts. 2. **Input Protection:** Protecting sensitive IC inputs from overvoltage while maintaining high input impedance. 3. **Battery Isolation:** Preventing reverse current flow in low-power handheld electronics. 4. **Signal Clamping:** Clipping signals in high-precision analog circuits. --- ### 5. Part Number Breakdown (UTC/Unisonic Example) * **BAV199:** Basic part number for the low-leakage dual diode. * **L:** Refers to specific electrical characteristics or lead-free status (varies by manufacturer). * **AE3:** Denotes the SOT-23 package. * **R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between BAV199 and BAV70 in terms of leakage?
    • ⤷ How does the temperature affect the leakage current of this diode?
    • ⤷ Can this diode be used for high-speed data line protection?