Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAV199WL-AL3-R

  • AI
    ## Overview of BAV199WL-AL3-R The **BAV199WL-AL3-R** is a specialized electronic component categorized as a **Low Leakage Double Diode**. It is designed for applications where minimal current loss is critical, particularly in signal protection and high-impedance circuits. --- ### Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Component Type** | Switching Diode | Dual configuration (Series) | | **Reverse Voltage ($V_R$)** | 75V (Max) | Maximum voltage it can block | | **Forward Current ($I_F$)** | 160mA | Maximum continuous forward current | | **Leakage Current ($I_R$)** | 5nA (Max) | Ultra-low current flow in reverse bias | | **Diode Capacitance ($C_D$)** | 2pF | Low capacitance for high-speed signals | | **Package Type** | SOT-323 | Small Outline Transistor (Surface Mount) | --- ### Key Internal Features 1. **Low Reverse Leakage:** The "Ultra-low leakage" characteristic is the standout feature. Standard diodes might leak microamps ($\mu A$), but this part leaks only nanoamps ($nA$), making it ideal for battery-powered devices. 2. **Dual Configuration:** It typically contains two diodes connected in series within a single package. This saves PCB space and ensures thermal matching between the two junctions. 3. **High Speed:** With low junction capacitance, it can switch between "on" and "off" states very quickly without distorting the signal. --- ### Common Applications * **Handheld/Portable Electronics:** Due to the low leakage, it preserves battery life. * **Signal Clamping:** Protecting sensitive Analog-to-Digital Converter (ADC) inputs from voltage spikes. * **High Impedance Buffers:** Used in instrumentation where even a tiny leakage current could cause measurement errors. * **Reverse Polarity Protection:** Protecting low-power circuits from incorrectly inserted batteries. --- ### Schematic Symbol Representation ```mermaid graph LR A[Anode 1] --> K1[Cathode 1 / Anode 2] K1 --> K2[Cathode 2] ``` *(Note: Pin 1 is usually Anode, Pin 2 is Cathode, and Pin 3 is the common connection, depending on the specific manufacturer's internal wiring for the SOT-323 package.)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between BAV199 and a standard switching diode like 1N4148?
    • ⤷ How does temperature affect the leakage current of this diode?
    • ⤷ Can this diode be used for high-power rectification?