Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BAV70WL-AL3-R

  • AI
    ### BAV70WL-AL3-R: High-Speed Switching Diode Overview The **BAV70WL-AL3-R** is a specific surface-mount electronic component. It belongs to a family of small-signal diodes configured in a **Dual Common Cathode** arrangement. --- ### 1. Key Technical Specifications Below are the electrical characteristics typical for this part number: | Parameter | Specification | | :--- | :--- | | **Configuration** | Dual Diode, Common Cathode | | **Reverse Voltage ($V_R$)** | 70V (Maximum) | | **Forward Current ($I_F$)** | 200mA (Continuous) | | **Reverse Recovery Time ($t_{rr}$)** | 4ns | | **Forward Voltage ($V_F$)** | ~1.0V (at $I_F = 50mA$) | | **Package Type** | SOT-323 (often denoted by the 'W' in the suffix) | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Internal Circuitry The BAV70 configuration consists of two diodes housed in a single three-pin package. * **Pin 1:** Anode of Diode 1 * **Pin 2:** Anode of Diode 2 * **Pin 3:** Common Cathode (Connected to both Diodes) --- ### 3. Decoding the Part Number (Suffixes) Manufacturers (like UTC - Unisonic Technologies) use specific codes for ordering: * **BAV70**: The base part number for the dual common-cathode diode. * **WL**: Usually indicates the **SOT-323** package (a smaller version of the standard SOT-23). * **AL3**: Refers to the lead-free/halogen-free status and specific pinout orientation. * **R**: Indicates the packaging method, typically **Tape & Reel**. --- ### 4. Common Applications Due to its high switching speed and small footprint, the BAV70WL is frequently used in: 1. **Signal Logic:** High-speed switching in digital circuits. 2. **ESD Protection:** Protecting I/O lines from voltage spikes. 3. **Clamping:** Limiting the voltage level of a signal to protect downstream components. 4. **Rectification:** Small-scale AC to DC conversion in signal processing. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, the following are industry-standard equivalents (though package sizes may vary): * **BAV70** (Standard SOT-23) * **BAV70W** (SOT-323) * **MMBD7000** (Similar dual diode characteristics)
    ✨ Follow-up Questions
    • ⤷ What is the main difference between a common cathode and a common anode diode configuration?
    • ⤷ Can the BAV70WL be used for power rectification applications?
    • ⤷ How does the 4ns recovery time impact high-frequency circuit performance?