Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BC414

  • AI
    ## BC414 Transistor: Technical Overview The **BC414** is a silicon NPN epitaxial planar transistor. It is primarily designed for use in low-noise pre-amplifier stages, high-fidelity (Hi-Fi) equipment, and signal processing circuits where maintaining signal integrity is critical. --- ### 1. Key Technical Specifications The BC414 is known for its high gain and exceptionally low noise figure. Below are the typical absolute maximum ratings: | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | Collector-Emitter Voltage | $V_{CEO}$ | 45 | V | | Collector-Base Voltage | $V_{CBO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 100 | mA | | Total Power Dissipation | $P_{tot}$ | 300 | mW | | DC Current Gain | $h_{FE}$ | 200 – 800 | - | | Noise Figure | $NF$ | ~1.2 to 2.0 | dB | --- ### 2. Pinout Configuration The BC414 usually comes in a **TO-92** plastic package. Looking at the flat side with the leads pointing down, the pin sequence (from left to right) is typically: 1. **Collector (C)** 2. **Base (B)** 3. **Emitter (E)** > *Note: Always verify with the specific manufacturer datasheet (e.g., Fairchild, ON Semi, or Philips) as lead configurations can occasionally vary by region.* --- ### 3. Applications and Usage Because of its low noise characteristics, the BC414 is ideal for: * **Audio Pre-amplifiers:** Boosting low-level signals from microphones or guitar pickups. * **Tape Recorder Heads:** Amplifying the very weak signals from magnetic tape. * **Hi-Fi Audio Stages:** Used in the input stages of amplifiers to minimize "hiss." * **Sensor Interfacing:** Where a clean, amplified signal is required from a low-current source. --- ### 4. Equivalent / Replacement Parts If a BC414 is unavailable, the following transistors are common substitutes (though noise figures may vary slightly): * **BC547 / BC548:** General purpose NPN (higher noise). * **BC549:** Specifically designed for low noise (closer match). * **2N3904:** Common NPN, though different pinout and higher noise. * **BC109:** Metal can version with similar low-noise properties.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the BC414 and the BC413?
    • ⤷ How do I calculate the biasing resistors for a BC414 pre-amplifier circuit?
    • ⤷ Can I replace a BC414 with a BC547 in a high-fidelity audio circuit?