Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BCL453232-R39M

  • AI
    ## Analysis of BCL453232-R39M The **BCL453232-R39M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in power management and signal filtering circuits where space-saving and high reliability are required. --- ### 1. Part Number Breakdown The nomenclature for this part typically follows a standardized format used by manufacturers like **Bourns** or **TDK**: | Code | Meaning | Description | | :--- | :--- | :--- | | **BCL** | Series | Wire-wound chip inductor series. | | **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric 4532 / EIA 1812). | | **R39** | Inductance | **0.39 µH** (R represents the decimal point). | | **M** | Tolerance | **±20%** tolerance. | --- ### 2. Technical Specifications While exact specifications can vary slightly by brand, the general characteristics for an R39M in the 4532 size are as follows: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.39 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.10 Ω to 0.25 Ω (Max) | | **Rated Current (I-rms)** | ~450 mA to 800 mA | | **Self-Resonant Frequency (SRF)** | > 250 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction * **Core Material:** Usually a Ferrite core to provide high permeability and low magnetic flux leakage. * **Winding:** Copper wire wound around the core, providing better current-handling capabilities compared to multilayer inductors. * **Termination:** Tin-plated electrodes suitable for reflow soldering. --- ### 4. Key Applications Because of its wire-wound nature and 1812 footprint, this component is ideal for: 1. **DC-DC Converters:** Used for energy storage and voltage regulation in portable electronics. 2. **EMI/RFI Filtering:** Suppressing high-frequency noise in communication lines. 3. **Signal Decoupling:** Preventing noise from feeding back into the power supply rails. 4. **Automotive Electronics:** Used in infotainment systems due to its robust thermal performance. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, you can look for alternatives in the **1812 (4532 Metric)** size with a **0.39 µH** rating: * **Bourns:** CM453232-R39ML * **TDK:** NLV453232T-R39M-PF * **Murata:** LQH43MNR39M03L ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in this size?
    • ⤷ Can this inductor be used in high-frequency RF applications above 500MHz?
    • ⤷ How does the 'Rated Current' affect the thermal performance of the BCL453232-R39M?