Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BCP53_14

  • AI
    ## BCP53-16 / BCP53-14: Electronic Characteristics The **BCP53** is a medium-power PNP epitaxial planar transistor. While "BCP53_14" often refers to a specific gain grouping or batch code, the component belongs to the BCP53 family, typically housed in the **SOT-223** surface-mount package. It is designed for medium power amplification and switching applications. --- ### 1. Key Technical Specifications The following table outlines the absolute maximum ratings and typical electrical characteristics for the BCP53 series. | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | -80 | V | | **Collector-Base Voltage** | $V_{CBO}$ | -100 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Continuous Collector Current** | $I_C$ | -1.5 | A | | **Peak Collector Current** | $I_{CM}$ | -2.0 | A | | **Total Power Dissipation** | $P_{tot}$ | 1.35 | W | | **DC Current Gain (hFE)** | $h_{FE}$ | 63 - 250 | - | --- ### 2. Pin Configuration (SOT-223) The SOT-223 package is favored for its thermal properties, as the large tab is connected to the collector to act as a heat sink. 1. **Pin 1:** Base 2. **Pin 2/Tab:** Collector 3. **Pin 3:** Emitter --- ### 3. Features and Applications #### Features: * **High Current:** Capable of handling up to 1.5A, which is high for its small footprint. * **Low Saturation Voltage:** Ensures efficiency in switching applications by minimizing power loss. * **Complementary Pair:** The NPN equivalent is the **BCP56**. #### Common Applications: * **Voltage Regulation:** Used in linear regulators and power management circuits. * **Relay Drivers:** Ideal for driving small to medium-sized relays or solenoid valves. * **Audio Amplification:** Used in the output stages of low-power audio amplifiers. * **DC-DC Converters:** Acts as a switching element in small power converters. --- ### 4. Gain Selections (hFE Classification) The number following the part (e.g., -10, -16) usually indicates the current gain range: | Suffix | hFE Range | | :--- | :--- | | **BCP53** | 63 - 250 | | **BCP53-10** | 63 - 160 | | **BCP53-16** | 100 - 250 | --- ### 5. Footprint Example (CAD/PCB) ```pcb // SOT-223 Footprint Dimensions (Approx) Pad 1 (Base): 0.7mm x 1.2mm Pad 2 (Collector): 3.0mm x 1.2mm (Thermal Tab) Pad 3 (Emitter): 0.7mm x 1.2mm Pitch: 2.3mm ```
    ✨ Follow-up Questions
    • ⤷What is the NPN complementary transistor for the BCP53?
    • ⤷ How does the SOT-223 package handle heat dissipation compared to SOT-23?
    • ⤷ What are the specific differences between BCP53-10 and BCP53-16?