Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R1122N

  • AI
    The **BL-R1122N** is a highly integrated, low-power, single-chip IEEE 802.11b/g/n WLAN (Wireless LAN) controller. It is commonly used as a Wi-Fi module in consumer electronics like smart TVs, OTT boxes, and IP cameras. --- ### 1. Core Technical Specifications The module is typically built around the **Realtek RTL8188EUS** or **RTL8188FTV** chipset (depending on the specific revision). | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Voltage** | 3.3V ± 0.2V | | **Modulation** | OFDM/DBPSK/DQPSK/CCK | | **Antenna Type** | External (via I-PEX/MHF connector) or PCB trace | --- ### 2. Key Electronic Components The BL-R1122N consists of several critical electronic sub-sections: #### A. Main SoC (System on Chip) The heart of the module is a Realtek controller that integrates: * **MAC (Media Access Control):** Handles the Wi-Fi protocol stack. * **Baseband Processor:** Processes digital signals into radio frequencies. * **RF Transceiver:** Manages the sending and receiving of wireless signals. #### B. Crystal Oscillator Usually a **40MHz** high-precision crystal. This provides the clock reference for the radio frequency synthesis and the internal CPU operations. #### C. Power Management (LDO) The module includes integrated Low Dropout (LDO) regulators to step down the input 3.3V to the core voltages required by the internal 1.2V logic circuits. #### D. Front-End Circuitry * **Band Pass Filter (BPF):** Removes interference from non-Wi-Fi signals (like Bluetooth or mobile signals). * **Impedance Matching:** A network of small capacitors and inductors (0201 or 0402 size) that ensure maximum power transfer to the antenna. --- ### 3. Pinout Configuration (Standard 4-6 Pin) Most variations of the BL-R1122N use a small header or SMT pads: 1. **VDD (3.3V):** Main Power Supply. 2. **USB_D-:** USB Data Negative. 3. **USB_D+:** USB Data Positive. 4. **GND:** Ground. 5. **CHIP_EN/WPS:** (Optional) Enable pin or WPS trigger. --- ### 4. Software and OS Support The module is popular because of its wide driver compatibility: * **Windows:** XP, 7, 8, 10, 11. * **Linux:** Supported via the `rtl8188eu` or `rtl8xxxu` kernel drivers. * **Android:** Commonly used in Android-based TV sticks.
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the BL-R1122N during active transmission?
    • ⤷ How do I interface the BL-R1122N with an Arduino or Raspberry Pi?
    • ⤷ What is the difference between the RTL8188EUS and RTL8188FTV versions?