BL-R1132
AI

The **BL-R1132** is a highly integrated, low-cost Wi-Fi module designed based on the **Realtek RTL8188EUS** (or sometimes RTL8188ETV) chipset. It is commonly used in tablets, set-top boxes, and portable consumer electronics to provide wireless networking capabilities via a USB interface.
---
## 1. Technical Specifications
The following table summarizes the core electronic and functional characteristics of the module:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188EUS / RTL8188ETV |
| **Interface** | USB 2.0 (High Speed) |
| **Wi-Fi Standard** | IEEE 802.11b/g/n |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Data Rate** | Up to 150Mbps (1T1R) |
| **Operating Voltage** | 3.3V DC (±0.2V) |
| **Antenna Type** | External (usually via a pin or IPEX connector) |
| **Form Factor** | Stamp Hole (Castellated pads) for SMT mounting |
---
## 2. Key Electronic Components
The module is composed of several critical sections that handle power, signal processing, and RF transmission:
### A. The Main SoC (RTL8188)
The heart of the module is the Realtek chip, which integrates:
- **MAC (Media Access Control):** Handles the Wi-Fi protocol stack.
- **Baseband Processor:** Manages the digital signals.
- **RF Transceiver:** Converts digital data into radio waves.
### B. Power Management
The module typically operates on **3.3V**. It contains onboard **LDO (Low Dropout Regulators)** or power filtering circuits to ensure the chipset receives clean voltage, which is critical for maintaining stable RF performance and reducing jitter.
### C. Crystal Oscillator
A high-precision crystal (usually **40MHz**) is mounted on the PCB. This provides the fundamental clock frequency for the SoC and ensures that the radio frequency stays precisely within the assigned 2.4GHz bands.
### D. RF Front-End
The "RF Path" includes:
- **Band-pass Filters:** To suppress interference from other electronic devices.
- **Impedance Matching Circuit:** A network of tiny capacitors and inductors that ensure the signal travels efficiently from the chip to the antenna without reflection.
---
## 3. Pin Configuration (Common 4-Pin/6-Pin Layout)
While layouts can vary by manufacturer, the standard BL-R1132 module usually follows this pinout logic:
1. **VDD (3.3V):** Main power supply.
2. **USB_D-:** USB Data Negative signal.
3. **USB_D+:** USB Data Positive signal.
4. **GND:** Ground.
5. **RF_ANT:** Output for the Wi-Fi antenna (if not using an onboard PCB antenna).
6. **CHIP_EN (Optional):** Enable/Reset pin to turn the module on/off.
---
## 4. Hardware Integration Requirements
When designing a PCB for this module, the following electronic rules must be followed:
1. **USB Differential Pairs:** The traces for `D+` and `D-` must be kept close together and have a controlled impedance of **90 Ohms** to avoid data errors.
2. **RF Trace:** The path to the antenna should be as short as possible with a **50 Ohm** characteristic impedance.
3. **Decoupling Capacitors:** It is recommended to place a 10uF and a 0.1uF capacitor near the VDD pin to filter out high-frequency noise.
- ⤷
What is the power consumption of the BL-R1132 during active transmission?
- ⤷ Which operating systems are compatible with the RTL8188EUS driver?
- ⤷ How do I calculate the 50 Ohm impedance for the antenna trace on a 2-layer PCB?