Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R1132F

  • AI
    ## Overview of the BL-R1132F Module The **BL-R1132F** is a compact, high-performance IEEE 802.11b/g/n wireless LAN (WLAN) module. It is designed around the **Realtek RTL8188FTV** chipset and serves as a low-cost, low-power solution for adding Wi-Fi connectivity to embedded systems, IoT devices, and consumer electronics. --- ### 1. Key Electronic Components & Chipset The internal architecture of the module consists of several critical electronic components: | Component | Description | | :--- | :--- | | **Main SoC** | **Realtek RTL8188FTV** (Single-chip 802.11n WLAN controller). | | **Interface** | **USB 2.0/1.1** (High-speed data transfer to host processor). | | **RF Front-End** | Integrated Power Amplifier (PA) and Low Noise Amplifier (LNA). | | **Crystal Oscillator** | Usually a **40MHz** high-precision crystal for clocking. | | **Antenna Connection** | Supports external antenna via a pin or a dedicated IPEX/U.FL connector. | --- ### 2. Technical Specifications The electrical characteristics define how the module interacts with the power supply and data lines: * **Operating Voltage:** 3.3V DC (±0.2V). * **Frequency Range:** 2.412 GHz ~ 2.484 GHz. * **Data Rate:** Up to **150 Mbps** (802.11n). * **Modulation:** OFDM, DSSS, DBPSK, DQPSK, CCK. * **Power Consumption:** * *Transmit:* ~150mA * *Receive:* ~120mA * *Standby:* <10mA --- ### 3. Pinout and Connectivity The module typically uses a multi-pin surface mount (SMT) package. The most important pins for electronic integration include: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power Supply | 3.3V Input. | | **GND** | Ground | Common reference. | | **USB_D+** | Data Positive | Differential USB data signal. | | **USB_D-** | Data Negative | Differential USB data signal. | | **CH_EN / RST** | Enable/Reset | High for active, Low for shutdown/reset. | | **ANT** | RF Out | Connection for the Wi-Fi antenna. | --- ### 4. Hardware Implementation Example To interface this module with a microcontroller (like an ESP32 or ARM-based SoC), the hardware design usually follows this logic: ```c /* Pseudocode logic for initializing the USB-based WLAN module */ void init_wifi_module() { power_on_pin(VDD_3V3); // Provide power delay_ms(100); // Stabilization time set_pin_high(WLAN_CH_EN); // Enable the RTL8188FTV chip usb_enumerate_device(); // Host starts USB handshake } ``` --- ### 5. Application Areas Because of its small form factor and USB interface, it is commonly found in: * **Set-Top Boxes (STB)** and IP Cameras. * **OTT Boxes** for streaming media. * **Portable Medical Devices** requiring low-power wireless data. * **Smart Home Gateways.**
    ✨ Follow-up Questions
    • ⤷What is the difference between the BL-R1132F and the RTL8188EUS chipset?
    • ⤷ How do I configure the antenna impedance for this module?
    • ⤷ Does the BL-R1132F support Linux and Android drivers?