Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R1132H

  • AI
    The **BL-R1132H** is a high-performance, low-power wireless communication module based on the **Realtek RTL8188EUS** (or similar variant) chipset. It is primarily designed to provide IEEE 802.11b/g/n Wi-Fi connectivity for embedded systems, consumer electronics, and IoT devices. --- ### ## Technical Specifications The following table outlines the core electronic and operational parameters of the BL-R1132H module: | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS / RTL8188ETV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (1T1R) | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna Type** | External (via I-PEX connector or PCB solder pad) | | **Security** | WEP, WPA, WPA2, WAPI | --- ### ## Key Electronic Components The module is a miniaturized System-on-Module (SoM) consisting of several critical electronic sub-sections: 1. **Main SoC (System on Chip):** The Realtek controller integrates the MAC (Media Access Control), Baseband, and Radio Frequency (RF) circuitry into a single die to reduce footprint and power consumption. 2. **Crystal Oscillator:** Usually a 40MHz crystal that provides the clock frequency required for the RF synthesizer and digital processing. 3. **Power Management Unit (PMU):** Internal LDOs (Low Dropout Regulators) convert the 3.3V input to lower voltages (e.g., 1.2V) required by the core logic. 4. **RF Front End:** Includes a Power Amplifier (PA) for transmission and a Low Noise Amplifier (LNA) for reception, ensuring signal integrity across distances. 5. **EEPROM / OTP:** On-board memory used to store the MAC address, calibration data, and device IDs. --- ### ## Pin Configuration (Common 4-Pin / 6-Pin Layout) Most variants of the BL-R1132H utilize a simple 4-pin interface for easy integration with host microcontrollers (like Raspberry Pi or STM32): | Pin Name | Description | | :--- | :--- | | **3.3V** | Main power supply input | | **USB_D-** | USB 2.0 Differential Data Negative | | **USB_D+** | USB 2.0 Differential Data Positive | | **GND** | Ground reference | | **WPS/EN** | (Optional) Chip Enable or WPS trigger | --- ### ## Application Use Cases Because of its USB interface and small form factor, it is commonly found in: * **IP Cameras:** For wireless video transmission. * **Smart TVs/OTT Boxes:** Adding Wi-Fi capability to multimedia players. * **Industrial PCs:** Providing local network access for data logging. * **Printers:** Enabling wireless printing services. ---
    ✨ Follow-up Questions
    • ⤷ How do I install the Linux drivers for the RTL8188EUS chipset used in this module?
    • ⤷ What is the typical power consumption of the BL-R1132H during active transmission?
    • ⤷ Can this module be used in 'Access Point' mode or only 'Station' mode?