Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R1137

  • AI
    The **BL-R1137** is a low-cost, high-performance IEEE 802.11b/g/n wireless LAN (WLAN) module. It is primarily based on the **Realtek RTL8188FTV** or **RTL8188EUS** chipset (depending on the specific revision) and is designed to provide wireless connectivity via a USB 2.0 interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 (FTV/EUS) | | **Interface** | USB 2.0 / 1.1 | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (usually via I-PEX or solder pad) | --- ### 2. Electronic Components & Internal Architecture The module consists of several critical electronic sections integrated into a small PCB footprint: #### A. The Main SoC (System on Chip) The heart of the module is the **Realtek RTL8188**. This IC integrates: * **MAC (Medium Access Control):** Manages the protocols and data framing. * **Baseband Processor:** Handles modulation (OFDM, CCK). * **RF Transceiver:** Integrates the Power Amplifier (PA) and Low Noise Amplifier (LNA). #### B. Power Management The module typically operates on **3.3V DC**. It includes internal voltage regulators (LDOs) to step down the voltage for the core logic and RF circuits, ensuring stable transmission even during voltage fluctuations. #### C. Frequency Control A high-precision **Crystal Oscillator (usually 40MHz)** is used to provide a stable clock signal for the radio frequency synthesis and data processing. #### D. RF Frontend * **Antenna Matching Circuit:** A network of small capacitors and inductors (LC circuit) used to match the impedance (usually 50 ohms) for maximum power transfer to the antenna. * **Filters:** Bandpass filters are used to minimize interference from other 2.4GHz devices (like Bluetooth or Microwaves). --- ### 3. Pinout Description (Typical 4-6 Pin Header) | Pin Name | Description | | :--- | :--- | | **VCC** | +3.3V Power Supply | | **USB_D-** | USB Data Negative | | **USB_D+** | USB Data Positive | | **GND** | Ground | | **WPS/RST** | (Optional) Reset or Wi-Fi Protected Setup trigger | --- ### 4. Implementation Example (Basic Circuit) ```mermaid graph LR A[Host CPU/MCU] -- USB D+/D- --> B[BL-R1137 Module] C[3.3V Power Source] --> B B -- RF Out --> D[2.4GHz Antenna] ``` --- ### 5. Common Applications * **OTT Boxes / Smart TVs:** Providing wireless internet access. * **IP Cameras:** Streaming video over Wi-Fi. * **Laptops/Tablets:** Integrated as an internal Wi-Fi card. * **IoT Gateways:** Acting as a bridge between local sensors and the cloud.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the BL-R1137 during active transmission?
    • ⤷ Does this module support Linux and Android drivers?
    • ⤷ How do you connect an external antenna to the BL-R1137 module?