Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R2136A

  • AI
    The **BL-R2136A** is a highly integrated, small-form-factor IEEE 802.11b/g/n WLAN (Wi-Fi) module. It is designed to provide high-performance wireless connectivity for embedded systems, IoT devices, and consumer electronics. --- ### 1. Key Technical Specifications The module is centered around a System-on-Chip (SoC) architecture, typically utilizing a Realtek chipset. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV / RTL8188EUS (Variant dependent) | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | | **Voltage Supply** | 3.3V DC (Typical) | --- ### 2. Physical Components & Architecture The BL-R2136A consists of several critical electronic sub-sections: #### A. The SoC (System on Chip) The heart of the module is the **RTL8188** series chip. It integrates the MAC (Media Access Control), Baseband processor, and the Radio Frequency (RF) transceiver into a single die to reduce power consumption and footprint. #### B. Crystal Oscillator The module includes an on-board crystal (usually **40MHz**) which provides the high-precision clock reference required for stable RF transmission and USB communication. #### C. RF Front-End * **Antenna Interface:** The module usually features a "half-hole" (castellated pin) for an external antenna or a printed PCB antenna. * **Impedance Matching:** A network of passive capacitors and inductors (LC circuit) is used to ensure 50Ω impedance matching to maximize signal integrity and minimize reflection. #### D. Power Management While it requires a 3.3V input, the internal chip often contains LDO (Low Dropout Regulators) to step down the voltage for the core logic and sensitive analog components. --- ### 3. Pinout Description (Common 4/6-Pin Interface) Most versions of this module communicate via a simplified USB header: 1. **VDD (3.3V):** Main power supply. 2. **USB_D-:** USB Data Negative signal. 3. **USB_D+:** USB Data Positive signal. 4. **GND:** Ground. 5. **RF_ANT:** Output for 2.4GHz antenna (if not integrated). 6. **CHIP_EN/SUSPEND:** Power control or sleep mode management (optional). --- ### 4. Applications * **IP Cameras:** Providing wireless video streaming capabilities. * **Set-Top Boxes:** Adding Wi-Fi connectivity to TVs and media players. * **IoT Gateways:** Acts as a bridge between local devices and the cloud. * **Industrial PCs:** Used as a low-cost, reliable wireless interface. ---
    ✨ Follow-up Questions
    • ⤷What is the typical power consumption of the BL-R2136A during transmission?
    • ⤷ How do I interface the BL-R2136A with a Linux-based single board computer?
    • ⤷ Does this module support both 2.4GHz and 5GHz frequency bands?