Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R213P

  • AI
    ## Technical Overview of the BL-R213P Module The **BL-R213P** is a highly integrated IEEE 802.11 b/g/n WLAN module designed by **B-Link**. It is primarily based on the **Realtek RTL8188EUS** (or RTL8188ETV) chipset. It is commonly used in tablets, OTT boxes, and IPC (IP Cameras) to provide high-speed wireless connectivity via a USB 2.0 interface. ### 1. Key Electronic Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS / RTL8188ETV | | **Interface** | USB 2.0 (High Speed) | | **Standard** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Frequency Range** | 2.4GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ### 2. Major Hardware Components The module's architecture is streamlined to fit a small form factor while maintaining signal integrity. * **RF Front End:** Includes a built-in Power Amplifier (PA) and Low Noise Amplifier (LNA) integrated within the Realtek silicon to reduce external part count. * **Crystal Oscillator:** Usually a 40MHz crystal provides the clock reference for the RF frequency synthesis and the baseband processor. * **EEPROM/Flash:** Stores MAC addresses, calibration data (gain settings), and regulatory information. * **Power Management:** Integrated LDOs (Low Drop-Out regulators) to step down the input voltage for the core logic. --- ### 3. Pinout Configuration The BL-R213P typically uses a 4-pin or 6-pin interface depending on the specific sub-version (Solder pad vs. Header). | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **3.3V** | Main DC Power Supply | | 2 | **DM** | USB Data Minus | | 3 | **DP** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **CHIP_EN** | Enable/Reset (High for Enable) | --- ### 4. RF Performance and Modulation The module utilizes **SISO** (Single Input Single Output) technology. ```text Modulation Schemes: - 802.11b: CCK, DQPSK, DBPSK - 802.11g: 64-QAM, 16-QAM, QPSK, BPSK - 802.11n: 64-QAM, 16-QAM, QPSK, BPSK ``` --- ### 5. Application Circuit Tips When integrating this module into a PCB design: 1. **Power Stability:** Place a 10uF and 0.1uF decoupling capacitor close to the 3.3V pin to filter noise. 2. **Impedance Matching:** The USB data lines (DP/DM) should be routed as a 90-ohm differential pair. 3. **Antenna Trace:** If using a PCB antenna, ensure the trace is 50-ohm impedance matched to prevent signal loss.
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the BL-R213P during active transmission?
    • ⤷ Does this module support Linux and Android driver integration?
    • ⤷ What are the physical dimensions of the BL-R213P PCB?