Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R3122N

  • AI
    ## Overview of the BL-R3122N Module The **BL-R3122N** is a highly integrated, low-power Wi-Fi module designed for wireless connectivity in consumer electronics. It is primarily based on the **Realtek RTL8188EUS** (or similar variants) chipset and operates on the 2.4GHz ISM frequency band. --- ### 1. Key Electronic Components The module consists of several critical internal components that allow it to function as a wireless network interface: | Component | Description | | :--- | :--- | | **Main Chipset** | Typically the **Realtek RTL8188EUS**, which integrates the MAC, Baseband, and Radio Front-End. | | **Crystal Oscillator** | A 40MHz crystal providing the clock signal for frequency stability. | | **EEPROM/Flash** | Stores configuration data and MAC addresses. | | **RF Front End** | Includes an internal Power Amplifier (PA) and Low Noise Amplifier (LNA). | | **Interface Pins** | Designed for USB 2.0 communication with the host processor. | --- ### 2. Technical Specifications Below are the core technical parameters governing the electronic performance of the module: | Parameter | Specification | | :--- | :--- | | **Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Host Interface** | USB 2.0 | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna Type** | External (via I-PEX connector) or PCB Trace | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### 3. Pin Configuration (Common 4-6 Pin Layout) Most BL-R3122N modules utilize a simple pinout for integration into larger PCBs: 1. **VDD (3.3V):** Power supply input. 2. **USB_D-:** USB data negative signal. 3. **USB_D+:** USB data positive signal. 4. **GND:** Ground. 5. **LED/WPS (Optional):** Status indicator or configuration trigger. 6. **CHIP_EN:** Enable pin to power down the module for energy saving. --- ### 4. RF Characteristics and Power Consumption The module is engineered for efficient power management, making it suitable for battery-operated devices like IP cameras or tablets. * **Transmit Power:** ~17dBm for 802.11b; ~14dBm for 802.11n. * **Receiver Sensitivity:** -82dBm at 54Mbps; -70dBm at 150Mbps. * **Power Modes:** Supports deep sleep and standby modes via the host USB interface commands. --- ### 5. Implementation Example To interface this module with a microcontroller or a Linux-based SBC (like a Raspberry Pi or an Orange Pi), the USB pins must be connected to the SoC's USB controller, and the Realtek `rtl8188eu` driver must be loaded. ```bash # Example command to check if the module is detected in Linux lsusb # Typical output: # Bus 001 Device 003: ID 0bda:8179 Realtek Semiconductor Corp. RTL8188EUS 802.11n Wireless Network Adapter ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption figures for the BL-R3122N in transmit vs. receive mode?
    • ⤷ Does this module support both Station (STA) and Access Point (AP) modes?
    • ⤷ Which specific driver version is required for Linux kernel integration?