Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R3135

  • AI
    The **BL-R3135** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is primarily designed around the **Realtek RTL8188EUS** or **RTL8188ETV** chipset, providing a small form-factor solution for internet connectivity in embedded devices. --- ### 1. Key Technical Specifications Below are the core electronic parameters for the BL-R3135 module: | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS / RTL8188ETV | | **Interface** | USB 2.0 (Standard) | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | 802.11n: Up to 150Mbps; 802.11g: 54Mbps | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna Type** | External (via I-PEX/MHF connector or Pin) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### 2. Major Electronic Components The module consists of several critical stages that manage power, signal processing, and radio frequency: * **RTL8188 Main IC:** A single-chip solution that combines the MAC (Medium Access Control), a 1T1R Baseband, and the RF Radio into one piece of silicon. * **Crystal Oscillator (40MHz):** Provides the fundamental clock frequency for the processor and ensures precise timing for radio frequency synthesis. * **LDO (Low Dropout Regulator):** Internally manages voltage levels to protect the sensitive CMOS circuitry from power spikes. * **EEPROM/Flash:** Stores firmware instructions, MAC addresses, and calibration data (like Gain settings for specific regions). * **RF Front-End:** Includes the Power Amplifier (PA), Low Noise Amplifier (LNA), and T/R Switch, all integrated within the chipset to minimize the external component count. --- ### 3. Pinout Configuration The module typically uses a 4-pin or 6-pin interface for its connection to the host board: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Main Power Supply | | 2 | **USB_D-** | USB 2.0 Data Negative | | 3 | **USB_D+** | USB 2.0 Data Positive | | 4 | **GND** | Ground | | 5 | **CHIP_EN** | Chip Enable (Optional - High for work, Low for sleep) | --- ### 4. Implementation Example To interface the BL-R3135 with a Linux-based microprocessor (like a Raspberry Pi or an IMX6), you usually treat it as a USB device. ```bash # Typical command to check if the module is recognized lsusb # Output should look similar to: # Bus 001 Device 004: ID 0bda:8179 Realtek Semiconductor Corp. RTL8188EUS 802.11n Wireless Network Adapter ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the BL-R3135 in transmit vs. standby mode?
    • ⤷ Is there a specific driver required for Windows 10/11 compatibility?
    • ⤷ Can this module support Access Point (AP) mode or only Station (STA) mode?