Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R3141H

  • AI
    The **BL-R3141H** is a highly integrated IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module, commonly used in embedded systems, smart appliances, and networking equipment. It is designed to provide high-speed wireless connectivity with a small form factor. --- ### 1. Key Technical Specifications The module is typically based on the **Realtek RTL8188EUS/ETV** chipset (or similar variants), which handles the Baseband (BB), Media Access Control (MAC), and RF functions. | Feature | Specification | | :--- | :--- | | **Interface** | USB 2.0 (High Speed) | | **Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rates** | Up to 150 Mbps (802.11n) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna** | External (via I-PEX connector or pin) | --- ### 2. Main Hardware Components The BL-R3141H consists of several critical electronic components surface-mounted on a small PCB: 1. **Main Chipset (SoC):** Usually a Realtek controller that integrates the CPU for wireless protocols and the RF transceiver. 2. **Crystal Oscillator:** A high-precision 40MHz crystal (standard) used to provide the clock signal for the radio frequency and processor. 3. **Front-End Module (FEM) / RF Path:** Includes low-pass filters (LPF) and power amplifiers (PA) to manage signal transmission and reception. 4. **EEPROM / Flash:** Stores configuration data such as MAC address, VID/PID, and calibration parameters. 5. **Power Management:** LDO regulators to convert the input 3.3V to the core voltages required by the chipset. --- ### 3. Pin Definition (Typical 4-Pin / 6-Pin Layout) The module communicates with the host (e.g., Raspberry Pi, Android Box, or Microcontroller) primarily via USB. | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **3.3V** | Power | DC Power Input | | 2 | **DM** | I/O | USB Data- Minus | | 3 | **DP** | I/O | USB Data+ Plus | | 4 | **GND** | Ground | Power Ground | | 5 | **RST** | Input | Reset (Optional) | --- ### 4. Application Scenarios Because of its small size and USB interface, it is used in: * **IP Cameras:** For wireless video streaming. * **Smart TVs / OTT Boxes:** To enable internet connectivity. * **Industrial PCs:** Adding Wi-Fi to legacy systems. * **IoT Gateways:** Acting as a bridge between sensors and the cloud.
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for BL-R3141H on Linux systems?
    • ⤷ How does the power consumption of this module vary during data transmission?
    • ⤷ Can this module be used in Access Point (AP) mode?