Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R3432T

  • AI
    ## BL-R3432T Electronic Module Overview The **BL-R3432T** is a highly integrated, low-power Wireless LAN (WLAN) module. It is primarily designed to provide IEEE 802.11b/g/n connectivity for embedded systems, IoT devices, and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV (typically) | | **Interface** | USB 2.0 | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX connector or pin-out) | --- ### 2. Core Electronic Components The module consists of several critical electronic sub-sections that work together to enable wireless communication: #### A. Integrated Circuit (IC) The heart of the module is the **Realtek RTL8188FTV**. This is a single-chip solution that combines: * **MAC (Media Access Control):** Handles data framing and timing. * **Baseband:** Processes the digital signal. * **Radio Frequency (RF):** Manages the transmission and reception of radio waves. #### B. Crystal Oscillator A precision crystal (usually **40MHz**) provides the clock signal required for the IC to operate and synchronize radio frequencies accurately. #### C. Power Management Unit (PMU) Includes internal regulators to convert the 3.3V input into the lower voltages required by the core processor (often 1.2V). #### D. RF Front-End Includes filters and matching circuits to ensure the signal is clean and adheres to regulatory standards (FCC/CE). It minimizes interference and optimizes signal strength. --- ### 3. Pinout and Connectivity The BL-R3432T generally uses a small form factor (Stamp Hole/LGA or Pin header). Common pins include: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | 3.3V Main Power Supply | | **GND** | Ground | Common Ground | | **USB_D+** | Data | USB Positive Differential Signal | | **USB_D-** | Data | USB Negative Differential Signal | | **CHIP_EN** | Control | Enable/Reset pin (Active High) | | **RF_ANT** | RF Signal | Connection to the external antenna | --- ### 4. Implementation Code (Example) Since this module uses the USB interface, it is typically recognized by Linux-based systems (like Raspberry Pi) using the `rtl8188fu` driver. You can check the status using: ```bash # Check if the USB device is recognized lsusb # Check if the wireless interface is up iwconfig ``` ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption levels for this module in sleep mode?
    • ⤷ Is this module compatible with 5GHz Wi-Fi networks?
    • ⤷ What is the physical size of the BL-R3432T PCB?