Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4121F

  • AI
    ## Technical Overview of the BL-R4121F Module The **BL-R4121F** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed to provide high-performance wireless connectivity for Internet of Things (IoT) devices, smart appliances, and industrial controllers. --- ### 1. Core Specifications The module is based on the **Realtek RTL8721** series (specifically the RTL8721CF-CG or similar variant), which combines a high-speed MCU with wireless transceivers. | Feature | Specification | | :--- | :--- | | **Wireless Standard** | IEEE 802.11 b/g/n (Wi-Fi 4) & Bluetooth 5.0 (Low Energy) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate (Wi-Fi)** | Up to 150Mbps (802.11n) | | **Interface Support** | UART, GPIO, PWM, I2C, SPI | | **Operating Voltage** | 3.3V (±10%) | | **Antenna Type** | PCB Trace Antenna or IPEX Connector | --- ### 2. Key Electronic Components The architecture of the BL-R4121F consists of several critical subsystems: #### A. The SoC (System on Chip) The heart of the module is a **Dual-Core Processor** architecture: * **KM4 CPU:** A high-performance ARM Cortex-M4F for application-level tasks. * **KM0 CPU:** A low-power ARM Cortex-M0 for managing the wireless stacks and power saving. #### B. RF Front-End Contains the internal Power Amplifier (PA), Low Noise Amplifier (LNA), and RF Switch. This allows the module to switch seamlessly between transmitting (TX) and receiving (RX) modes across Wi-Fi and Bluetooth protocols. #### C. Power Management Unit (PMU) The module includes integrated LDOs (Low Dropout Regulators) and a DC-DC converter to manage internal voltages efficiently, supporting deep-sleep modes to conserve battery life in IoT devices. --- ### 3. Pinout and Connectivity The module typically uses a **Stamp Hole (SMT)** packaging, making it easy to solder onto a main PCB. | Pin Type | Description | | :--- | :--- | | **Power Pins** | VDD (3.3V) and GND. | | **UART** | Dedicated pins for AT-Command control or firmware flashing. | | **GPIOs** | General purpose pins for controlling LEDs, relays, or reading sensors. | | **Reset/EN** | Hardware pin to enable or reboot the module. | --- ### 4. Application Use Cases * **Smart Home:** Smart plugs, light bulbs, and thermostats. * **Industrial:** Wireless sensor networks and Modbus-to-Wi-Fi gateways. * **Health Tech:** Wearable devices and remote patient monitoring via BLE.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings in deep-sleep mode for the BL-R4121F?
    • ⤷ Does this module support Over-the-Air (OTA) firmware updates?
    • ⤷ How do I configure the module using AT commands via UART?