Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4432T

  • AI
    The **BL-R4432T** is a highly integrated, low-power wireless communication module primarily based on the **Silicon Labs Si4432** chip. It is widely used in industrial telemetry, remote sensing, and long-range wireless data transmission. --- ## 1. Core Technical Specifications Below are the primary electronic characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Chipset** | Silicon Labs Si4432 (EZRadioPRO series) | | **Frequency Range** | 433 MHz (Standard ISM Band) | | **Modulation Types** | FSK, GFSK, and OOK | | **Output Power** | Up to +20 dBm (100 mW) | | **Sensitivity** | -121 dBm | | **Interface** | SPI (4-wire) | | **Operating Voltage** | 1.8V to 3.6V DC | | **Data Rate** | 0.123 to 256 kbps | --- ## 2. Key Electronic Components The module is composed of several critical sub-circuits that enable its high performance: ### A. The Si4432 Transceiver IC The "brain" of the module. It handles all radio frequency (RF) processing, including digital signal processing (DSP), frequency synthesis, and packet handling. ### B. High-Precision Crystal Oscillator Usually a **30MHz crystal**, this component provides the reference clock for the internal frequency synthesizer, ensuring the stability of the 433MHz carrier frequency. ### C. Matching Network & Low-Pass Filter (LPF) Inductors and capacitors (LC circuit) are placed between the IC and the antenna pin to: * Match the impedance (typically to 50 ohms). * Filter out harmonics and spurious emissions to comply with regulatory standards (FCC/CE). ### D. Power Management Internal LDOs (Low Drop-Out regulators) within the Si4432 manage the voltage levels, but the module requires a stable external 3.3V supply to prevent frequency drift during transmission. --- ## 3. Pinout Configuration Typically, the BL-R4432T uses a stamp-hole or pin-header interface: | Pin Name | Type | Description | | :--- | :--- | :--- | | **VCC** | Power | 1.8V - 3.6V Input | | **GND** | Power | Ground | | **SDI / SDO / SCK** | SPI | Data In, Data Out, and Clock for communication | | **nSEL** | Input | SPI Chip Select (Active Low) | | **nIRQ** | Output | Interrupt Request (signals data received/sent) | | **SDN** | Input | Shutdown Pin (Active High to power down) | | **ANT** | RF | Antenna Connection (50 Ohm) | --- ## 4. Operational Features * **Automatic Frequency Control (AFC):** Compensates for frequency offsets between the transmitter and receiver. * **RSSI (Received Signal Strength Indicator):** Allows the host microcontroller to measure the strength of the incoming signal. * **Preamble Detector:** Reduces the workload of the host MCU by only waking it up when a valid packet header is detected.
    ✨ Follow-up Questions
    • ⤷ How does the SPI interface timing work for this module?
    • ⤷ What is the typical communication range of the BL-R4432T in open space?
    • ⤷ How do I calculate the power consumption during deep sleep versus active transmission?