Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • BL-R4531

  • AI
    The **BL-R4531** is a high-performance, low-cost wireless network module based on the **Realtek RTL8188FTV** chipset. It is designed to provide Wi-Fi connectivity via a USB interface for devices like Set-Top Boxes (STBs), IP cameras, and smart appliances. --- ### 1. Key Technical Specifications The module operates on the 2.4GHz frequency band and adheres to the IEEE 802.11b/g/n standards. | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 | | **Wireless Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V +/- 0.2V | | **Antenna** | External (via Pin) or PCB Trace | --- ### 2. Internal Electronic Components The BL-R4531 integrates several critical electronic sections into its small form factor: * **RTL8188FTV Controller:** The "brain" of the module. It handles the MAC (Medium Access Control), Baseband processing, and RF functions. * **Crystal Oscillator:** Usually a **40MHz** crystal that provides the clock signal necessary for the timing of data transmission and processing. * **RF Front End:** Includes filters and a power amplifier (integrated into the chip) to manage the signal strength and reduce interference. * **LDO (Low Dropout Regulator):** Manages internal voltage regulation to ensure the chipset receives stable power even if the input fluctuates slightly. * **EEPROM/Flash (Optional):** Some versions include integrated memory to store MAC addresses and configuration parameters. --- ### 3. Pin Definition (Typical) The module typically uses a 4-pin or 6-pin layout for integration onto a host PCB. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **USB D-** | USB Data Negative | | 3 | **USB D+** | USB Data Positive | | 4 | **GND** | Ground | | 5 | **RF/ANT** | Wi-Fi Antenna Output (if not on-board) | | 6 | **CHIP_EN** | Enable/Reset Pin (High = On) | --- ### 4. Software and Security Support To operate the electronic hardware, the following software protocols are supported: * **Operating Systems:** Linux, Android, Windows, and RTOS. * **Security:** WEP 64/128, WPA, WPA2, Personal and Enterprise. * **QoS:** WMM (Wi-Fi Multimedia) for better video/voice streaming over the air. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the BL-R4531 in sleep versus active mode?
    • ⤷ Can the BL-R4531 be used in AP (Access Point) mode or only in Client mode?
    • ⤷ How do I calculate the trace impedance for the RF antenna pin on a custom PCB?